Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTGT50DA170D1 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # APTGT50DA170D1
Description  Boost chopper Trench IGBT Power Module
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTGT50DA170D1 Datasheet(HTML) 2 Page - Advanced Power Technology

  APTGT50DA170D1 Datasheet HTML 1Page - Advanced Power Technology APTGT50DA170D1 Datasheet HTML 2Page - Advanced Power Technology APTGT50DA170D1 Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
APTGT50DA170D1
APT website – http://www.advancedpower.com
2 - 3
All ratings @ Tj = 25°C unless otherwise specified
Electrical Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max Unit
BVCES
Collector - Emitter Breakdown Voltage
VGE = 0V, IC = 2.5mA
1700
V
ICES
Zero Gate Voltage Collector Current
VGE = 0V, VCE = 1700V
6
mA
Tj = 25°C
2.0
2.4
VCE(on) Collector Emitter on Voltage
VGE = 15V
IC = 50A
Tj = 125°C
2.4
V
VGE(th)
Gate Threshold Voltage
VGE = VCE , IC = 2.5mA
5.2
5.8
6.4
V
IGES
Gate – Emitter Leakage Current
VGE = 20V, VCE = 0V
600
nA
Dynamic Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max Unit
Cies
Input Capacitance
4400
Cres
Reverse Transfer Capacitance
VGE = 0V, VCE = 25V
f = 1MHz
150
pF
Td(on)
Turn-on Delay Time
200
Tr
Rise Time
100
Td(off)
Turn-off Delay Time
750
Tf
Fall Time
Inductive Switching (25°C)
VGE = ±15V
VBus = 900V
IC = 50A
RG = 22Ω
90
ns
Td(on)
Turn-on Delay Time
230
Tr
Rise Time
100
Td(off)
Turn-off Delay Time
850
Tf
Fall Time
115
ns
Eoff
Turn Off Energy
Inductive Switching (125°C)
VGE = ±15V
VBus = 900V
IC = 50A
RG = 22Ω
22
mJ
Reverse diode ratings and characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max Unit
Tj = 25°C
1.8
2.2
VF
Diode Forward Voltage
IF = 50A
VGE = 0V
Tj = 125°C
1.9
V
Tj = 25°C
9
Er
Reverse Recovery Energy
IF = 50A
VR = 900V
di/dt =990A/µs Tj = 125°C
16
mJ
Tj = 25°C
19
Qrr
Reverse Recovery Charge
IF = 50A
VR = 900V
di/dt =990A/µs Tj = 125°C
30
µC
Thermal and package characteristics
Symbol Characteristic
Min
Typ
Max Unit
IGBT
0.40
RthJC
Junction to Case
Diode
0.70
°C/W
VISOL
RMS Isolation Voltage, any terminal to case t =1 min,
I isol<1mA, 50/60Hz
3500
V
TJ
Operating junction temperature range
-40
150
TSTG
Storage Temperature Range
-40
125
TC
Operating Case Temperature
-40
125
°C
For terminals
M5
2
3.5
Torque Mounting torque
To Heatsink
M6
3
5
N.m
Wt
Package Weight
180
g


Similar Part No. - APTGT50DA170D1

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGT50DA170T ADPOW-APTGT50DA170T Datasheet
279Kb / 5P
   Boost chopper Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT50DA170T1G MICROSEMI-APTGT50DA170T1G Datasheet
280Kb / 5P
   Boost chopper Trench Field Stop IGBT짰 Power Module
APTGT50DA170TG MICROSEMI-APTGT50DA170TG Datasheet
258Kb / 5P
   Boost chopper Trench Field Stop IGBT Power Module
More results

Similar Description - APTGT50DA170D1

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGT75DA170D1 ADPOW-APTGT75DA170D1 Datasheet
189Kb / 3P
   Boost chopper Trench IGBT Power Module
APTGT150DA120D1 ADPOW-APTGT150DA120D1 Datasheet
189Kb / 3P
   Boost chopper Trench IGBT Power Module
APTGT25DA120D1 ADPOW-APTGT25DA120D1 Datasheet
189Kb / 3P
   Boost chopper Trench IGBT Power Module
APTGT150DA120D3 ADPOW-APTGT150DA120D3 Datasheet
205Kb / 3P
   Boost Chopper Trench IGBT Power Module
APTGT100DA120D1 ADPOW-APTGT100DA120D1 Datasheet
189Kb / 3P
   Boost chopper Trench IGBT Power Module
APTGT30DA170D1 ADPOW-APTGT30DA170D1 Datasheet
189Kb / 3P
   Boost chopper Trench IGBT Power Module
APTGT200DA170D3 ADPOW-APTGT200DA170D3 Datasheet
197Kb / 3P
   Boost chopper Trench IGBT Power Module
APTGT300DA170D3 ADPOW-APTGT300DA170D3 Datasheet
197Kb / 3P
   Boost chopper Trench IGBT Power Module
APTGT150DA170D1 ADPOW-APTGT150DA170D1 Datasheet
185Kb / 3P
   Boost chopper Trench IGBT Power Module
APTGT300DA120D3 ADPOW-APTGT300DA120D3 Datasheet
205Kb / 3P
   Boost chopper Trench IGBT Power Module
APTGT50DA120D1 ADPOW-APTGT50DA120D1 Datasheet
189Kb / 3P
   Boost chopper Trench IGBT Power Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com