Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTGT50SK120D1 Datasheet(PDF) 1 Page - Advanced Power Technology

Part # APTGT50SK120D1
Description  Buck chopper Trench IGBT Power Module
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTGT50SK120D1 Datasheet(HTML) 1 Page - Advanced Power Technology

  APTGT50SK120D1 Datasheet HTML 1Page - Advanced Power Technology APTGT50SK120D1 Datasheet HTML 2Page - Advanced Power Technology APTGT50SK120D1 Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
APTGT50SK120D1
APT website – http://www.advancedpower.com
1 - 3
Absolute maximum ratings
Symbol
Parameter
Max ratings
Unit
VCES
Collector - Emitter Breakdown Voltage
1200
V
TC = 25°C
75
IC
Continuous Collector Current
TC = 80°C
50
ICM
Pulsed Collector Current
TC = 25°C
100
A
VGE
Gate – Emitter Voltage
±20
V
PD
Maximum Power Dissipation
TC = 25°C
270
W
RBSOA Reverse Bias Save Operating Area
TJ = 125°C
100A @ 1100V
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed.
2
1
5
Q1
3
4
6
7
5
4
3
2
1
VCES = 1200V
IC = 50A @ Tc = 80°C
Application
AC and DC motor control
Switched Mode Power Supplies
Features
Trench + Field Stop IGBT® Technology
-
Low voltage drop
-
Low tail current
-
Switching frequency up to 20 kHz
-
Soft recovery parallel diodes
-
Low diode VF
-
Low leakage current
-
Avalanche energy rated
-
RBSOA and SCSOA rated
Kelvin emitter for easy drive
Low stray inductance
-
M5 power connectors
High level of integration
Benefits
Outstanding performance at high frequency
operation
Stable temperature behavior
Very rugged
Direct mounting to heatsink (isolated package)
Low junction to case thermal resistance
Easy paralleling due to positive TC of VCEsat
Buck chopper
Trench IGBT® Power Module


Similar Part No. - APTGT50SK120D1

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGT50SK120TG ADPOW-APTGT50SK120TG Datasheet
283Kb / 5P
   Buck chopper Fast Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT50SK120TG MICROSEMI-APTGT50SK120TG Datasheet
259Kb / 5P
   Buck chopper Fast Trench Field Stop IGBT Power Module
More results

Similar Description - APTGT50SK120D1

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGT75SK120D1 ADPOW-APTGT75SK120D1 Datasheet
189Kb / 3P
   Buck chopper Trench IGBT Power Module
APTGT75SK170D1 ADPOW-APTGT75SK170D1 Datasheet
189Kb / 3P
   Buck chopper Trench IGBT Power Module
APTGT150SK170D3 ADPOW-APTGT150SK170D3 Datasheet
205Kb / 3P
   Buck chopper Trench IGBT Power Module
APTGT300SK170D3 ADPOW-APTGT300SK170D3 Datasheet
196Kb / 3P
   Buck chopper Trench IGBT Power Module
APTGT100SK170D1 ADPOW-APTGT100SK170D1 Datasheet
185Kb / 3P
   Buck chopper Trench IGBT Power Module
APTGT30SK170D1 ADPOW-APTGT30SK170D1 Datasheet
189Kb / 3P
   Buck chopper Trench IGBT Power Module
APTGT150SK120D3 ADPOW-APTGT150SK120D3 Datasheet
205Kb / 3P
   Buck chopper Trench IGBT Power Module
APTGT200SK170D3 ADPOW-APTGT200SK170D3 Datasheet
196Kb / 3P
   Buck chopper Trench IGBT Power Module
APTGT300SK120D3 ADPOW-APTGT300SK120D3 Datasheet
205Kb / 3P
   Buck chopper Trench IGBT Power Module
APTGT200SK120D3 ADPOW-APTGT200SK120D3 Datasheet
205Kb / 3P
   Buck chopper Trench IGBT Power Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com