Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTM20AM08FT Datasheet(PDF) 4 Page - Advanced Power Technology

Part # APTM20AM08FT
Description  Phase leg MOSFET Power Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTM20AM08FT Datasheet(HTML) 4 Page - Advanced Power Technology

  APTM20AM08FT Datasheet HTML 1Page - Advanced Power Technology APTM20AM08FT Datasheet HTML 2Page - Advanced Power Technology APTM20AM08FT Datasheet HTML 3Page - Advanced Power Technology APTM20AM08FT Datasheet HTML 4Page - Advanced Power Technology APTM20AM08FT Datasheet HTML 5Page - Advanced Power Technology APTM20AM08FT Datasheet HTML 6Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
APTM20AM08FT
APT website – http://www.advancedpower.com
4 – 6
Typical Performance Curve
0.9
0.7
0.5
0.3
0.1
0.05
Single Pulse
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
0.00001
0.0001
0.001
0.01
0.1
1
10
rectangular Pulse Duration (Seconds)
Maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration
6.5V
7V
7.5V
8V
8.5V
10V
VGS=15V
9V
0
100
200
300
400
500
600
700
0
4
8
1216202428
VDS, Drain to Source Voltage (V)
Low Voltage Output Characteristics
Transfert Characteristics
TJ=-55°C
TJ=25°C
TJ=125°C
0
100
200
300
400
500
600
012
34
567
89 10
VGS, Gate to Source Voltage (V)
VDS > ID(on)xRDS(on)MAX
250µs pulse test @ < 0.5 duty cycle
RDS(on) vs Drain Current
VGS=10V
VGS=20V
0.8
0.9
1
1.1
1.2
0
50
100
150
200
250
300
ID, Drain Current (A)
Normalized to
VGS=10V @ 104A
0
50
100
150
200
250
25
50
75
100
125
150
TC, Case Temperature (°C)
DC Drain Current vs Case Temperature


Similar Part No. - APTM20AM08FT

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTM20AM08FTG MICROSEMI-APTM20AM08FTG Datasheet
291Kb / 6P
   Phase leg MOSFET Power Module
More results

Similar Description - APTM20AM08FT

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTM20AM04F ADPOW-APTM20AM04F Datasheet
285Kb / 6P
   Phase leg MOSFET Power Module
logo
Microsemi Corporation
APTM50A15FT1G MICROSEMI-APTM50A15FT1G Datasheet
194Kb / 5P
   Phase leg MOSFET Power Module
APTM60A23FT1G MICROSEMI-APTM60A23FT1G Datasheet
193Kb / 5P
   Phase leg MOSFET Power Module
APTM120A65FT1G MICROSEMI-APTM120A65FT1G Datasheet
147Kb / 5P
   Phase leg MOSFET Power Module
logo
Advanced Power Technolo...
APTM50AM19F ADPOW-APTM50AM19F Datasheet
288Kb / 6P
   Phase leg MOSFET Power Module
APTM20AM10FT ADPOW-APTM20AM10FT Datasheet
312Kb / 6P
   Phase leg MOSFET Power Module
APTM50AM35FT ADPOW-APTM50AM35FT Datasheet
301Kb / 6P
   Phase leg MOSFET Power Module
APTM120A15F ADPOW-APTM120A15F Datasheet
303Kb / 6P
   Phase leg MOSFET Power Module
APTM120A29FT ADPOW-APTM120A29FT Datasheet
313Kb / 6P
   Phase Leg MOSFET Power Module
logo
Microsemi Corporation
APTM10AM05FTG MICROSEMI-APTM10AM05FTG Datasheet
285Kb / 6P
   Phase leg MOSFET Power Module
APTM20AM04FG MICROSEMI-APTM20AM04FG Datasheet
280Kb / 6P
   Phase leg MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com