Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

12505WS-07A00 Datasheet(PDF) 1 Page - YEONHO ELECTRONICS

Part # 12505WS-07A00
Description  1.25mm PITCH CONNECTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEONHO [YEONHO ELECTRONICS]
Direct Link  http://www.yeonho.com
Logo YEONHO - YEONHO ELECTRONICS

12505WS-07A00 Datasheet(HTML) 1 Page - YEONHO ELECTRONICS

  12505WS-07A00 Datasheet HTML 1Page - YEONHO ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 12505WS-07A00

ManufacturerPart #DatasheetDescription
logo
YEONHO ELECTRONICS
12505WR YEONHO-12505WR Datasheet
403Kb / 1P
   1.25mm PITCH CONNECTOR
12505WR-02 YEONHO-12505WR-02 Datasheet
1Mb / 1P
   (0.049") PITCH CONNECTOR
12505WR-02A00 YEONHO-12505WR-02A00 Datasheet
403Kb / 1P
   1.25mm PITCH CONNECTOR
12505WR-03 YEONHO-12505WR-03 Datasheet
1Mb / 1P
   (0.049") PITCH CONNECTOR
12505WR-03A00 YEONHO-12505WR-03A00 Datasheet
403Kb / 1P
   1.25mm PITCH CONNECTOR
More results

Similar Description - 12505WS-07A00

ManufacturerPart #DatasheetDescription
logo
YEONHO ELECTRONICS
12507TS YEONHO-12507TS Datasheet
216Kb / 1P
   1.25mm PITCH CONNECTOR
12507WR YEONHO-12507WR Datasheet
299Kb / 1P
   1.25mm PITCH CONNECTOR
12511HB YEONHO-12511HB Datasheet
652Kb / 1P
   1.25mm PITCH CONNECTOR
12513HS YEONHO-12513HS Datasheet
350Kb / 1P
   1.25mm PITCH CONNECTOR
12521HS YEONHO-12521HS Datasheet
227Kb / 1P
   1.25mm PITCH CONNECTOR
12507WR-NNL YEONHO-12507WR-NNL Datasheet
392Kb / 1P
   1.25mm PITCH CONNECTOR
12521TS YEONHO-12521TS Datasheet
144Kb / 1P
   1.25mm PITCH CONNECTOR
12517HS-06 YEONHO-12517HS-06_07 Datasheet
242Kb / 1P
   1.25mm PITCH CONNECTOR
12516HS-04 YEONHO-12516HS-04_06 Datasheet
1Mb / 1P
   1.25mm PITCH CONNECTOR
12505TS YEONHO-12505TS Datasheet
223Kb / 1P
   1.25mm PITCH CONNECTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com