Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

05003HR-21A01 Datasheet(PDF) 1 Page - YEONHO ELECTRONICS

Part # 05003HR-21A01
Description  0.50mm PITCH CONNECTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEONHO [YEONHO ELECTRONICS]
Direct Link  http://www.yeonho.com
Logo YEONHO - YEONHO ELECTRONICS

05003HR-21A01 Datasheet(HTML) 1 Page - YEONHO ELECTRONICS

  05003HR-21A01 Datasheet HTML 1Page - YEONHO ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0.50mm (0.02")PITCHCONNECTOR
I/NO
TITLE
DESCRIPTION
MATERIAL
4
2
3
1
PA46, PA6T, LCP, UL 94V Grade
05003TR
05003AS
05003HR
05006LR
ACTUATOR
HOOK
HOUSING
TERMINAL
Phosphor Bronze & Tin plated
PPS, UL 94V Grade
Phosphor Bronze & Tin plated
PARTS NO.
A
C
D
B
Material
05003HR-00A01/2 Series
SMT, ZIF(Bottom Contact Type)
Right Angle
FPC/FFC Connector
Housing
ITEM
SPEC
Contact Resistance
Current Rating
Operating Temperature
Voltage Rating
AC/DC 50V
30mΩ MAX
Withstanding Voltage
AC500V/1min
Insulation Resistance
100MΩ MIN
Applicable P.C.B
0.8 ~ 1.6mm
Applicable Wire
-
Applicable FPC/FFC
0.30±0.05mm
0.15mm
Solder Height
Crimp Tensile Strength
-
UL FILE NO
-
AC/DC 0.5A
-25℃~+85℃
Specification
Available Pin
05003HR-10A01/2
27A01/2
26A01/2
28A01/2
30A01/2
32A01/2
31A01/2
29A01/2
34A01/2
33A01/2
05003HR-
05003HR-
05003HR-
05003HR-
05003HR-
05003HR-
05003HR-
05003HR-
05003HR-
11A01/2
13A01/2
12A01/2
15A01/2
17A01/2
16A01/2
14A01/2
19A01/2
21A01/2
20A01/2
23A01/2
22A01/2
24A01/2
25A01/2
18A01/2
05003HR-
05003HR-
05003HR-
05003HR-
05003HR-
05003HR-
05003HR-
05003HR-
05003HR-
05003HR-
05003HR-
05003HR-
05003HR-
05003HR-
05003HR-
04A01/2
05A01/2
06A01/2
07A01/2
08A01/2
09A01/2
05003HR-
05003HR-
05003HR-
05003HR-
05003HR-
05003HR-
4.5
16.0
16.5
15.0
15.5
14.5
14.0
13.5
13.0
12.5
8.5
11.5
12.0
11.0
10.5
9.5
10.0
9.0
6.5
7.5
8.0
7.0
5.5
6.0
5.0
4.0
3.0
3.5
2.0
2.5
1.5
17.0
17.5
18.0
18.5
19.0
19.5
05003HR-
05003HR-
05003HR-
05003HR-
05003HR-39A01/2
40A01/2
38A01/2
36A01/2
37A01/2
05003HR-35A01/2
22.8
23.3
21.8
22.3
21.3
20.8
20.3
19.8
19.3
15.3
18.8
18.3
17.8
17.3
16.3
16.8
15.8
13.3
14.3
14.8
13.8
12.3
12.8
11.8
10.8
11.3
9.8
10.3
8.8
9.3
8.3
26.3
25.3
25.8
24.3
24.8
23.8
5.5
17.0
17.5
7.5
6.5
7.0
6.0
5.0
4.0
4.5
3.5
3.0
2.5
10.0
10.5
11.0
12.0
11.5
12.5
13.0
13.5
14.0
14.5
15.5
15.0
16.5
16.0
8.5
9.5
9.0
8.0
20.5
20.0
19.5
19.0
18.5
18.0
4.3
4.5
4.5
4.5
4.5
4.5
4.5
4.5
4.5
4.5
4.3
4.5
4.5
4.5
4.5
4.3
4.5
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.5
20.0
05003HR-41A01/2
26.8
21.0
5.0
20.5
05003HR-42A01/2
27.3
21.5
5.0
21.0
05003HR-43A01/2
27.8
22.0
5.0
21.5
05003HR-44A01/2
28.3
22.5
5.0
22.0
05003HR-45A01/2
28.8
23.0
5.0
22.5
05003HR-46A01/2
29.3
23.5
5.0
23.0
05003HR-47A01/2
29.8
24.0
5.0
23.5
05003HR-48A01/2
30.3
24.5
5.0
24.0
05003HR-49A01/2
30.8
25.0
5.0
24.5
05003HR-50A01/2
31.3
25.5
5.0
4.5
4.5
4.5
4.5
4.5
1.2
3.65
C±0.05
C±0.05
0.3
PCB LAYOUT (05003HR-00A02)
A"
0.5(PITCH)
A
B
A
0.7
D
YH A
0O
C/L
C
0.2
P=0.5±0.05
0.3
2.4
3.3
P=*0.5±0.05
0.9
PCB LAYOUT (05003HR-00A01)
0O
YH A
C/L
(05003HR-00A02)
(05003HR-00A01)
C
0.2
(21P ~ 40P)
(04P ~ 20P)
PCB ASS'Y, (05003HR-00A01)
PCB ASS'Y, (05003HR-00A01)
PCB
4.5
PCB
4.3
PCB ASS'Y, (05003HR-00A02)
PCB
(41P ~ 50P)
PCB
PCB ASS'Y, (05003HR-00A02)
(21P ~ 40P)
4.5
5.0


Similar Part No. - 05003HR-21A01

ManufacturerPart #DatasheetDescription
logo
YEONHO ELECTRONICS
05003HR-04A02 YEONHO-05003HR-04A02 Datasheet
1Mb / 1P
   0.50mm P1TCH CONNECTOR
05003HR-04A02 YEONHO-05003HR-04A02_06 Datasheet
1Mb / 1P
   0.50mm P1TCH CONNECTOR
More results

Similar Description - 05003HR-21A01

ManufacturerPart #DatasheetDescription
logo
YEONHO ELECTRONICS
05010HR-NNA YEONHO-05010HR-NNA Datasheet
423Kb / 1P
   0.50mm PITCH CONNECTOR
05010HR-NNB YEONHO-05010HR-NNB Datasheet
623Kb / 1P
   0.50mm PITCH CONNECTOR
logo
List of Unclassifed Man...
05004HR-00A01 ETC1-05004HR-00A01 Datasheet
800Kb / 1P
   0.50mm PITCH CONNECTOR
logo
YEONHO ELECTRONICS
05002HR-00A02 YEONHO-05002HR-00A02 Datasheet
687Kb / 1P
   0.50mm PITCH CONNECTOR
05002HR-NNC YEONHO-05002HR-NNC Datasheet
632Kb / 1P
   0.50mm PITCH CONNECTOR
05010HR-NNC YEONHO-05010HR-NNC Datasheet
397Kb / 1P
   0.50mm PITCH CONNECTOR
05002HR-00A01 YEONHO-05002HR-00A01 Datasheet
638Kb / 1P
   0.50mm PITCH CONNECTOR
logo
Molex Electronics Ltd.
54548-2070 MOLEX11-54548-2070 Datasheet
41Kb / 3P
   0.50mm Pitch FFC/FPC Connector
logo
YEONHO ELECTRONICS
05003HR-04A02 YEONHO-05003HR-04A02_06 Datasheet
1Mb / 1P
   0.50mm P1TCH CONNECTOR
05002HR-04K YEONHO-05002HR-04K Datasheet
1Mb / 1P
   0.50mm P1TCH CONNECTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com