Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB180 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # SB180
Description  1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 50 to 100 Volts CURRENT - 1.0 Ampere)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SB180 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  SB180 Datasheet HTML 1Page - Pan Jit International Inc. SB180 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PAGE . 1
DATE : SEP.24.2002
DATA SHEET
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O utilizing
Flame Retardant Epoxy Molding Compound.
• 1 ampere operation at T
A=75°C with no
thermal runaway.
• Exceeds environmental standards of MIL-S-19500/228
• For use in low voltage,high frequency inverters ,free wheeling ,
and polarity protection applications .
MECHANICAL DATA
Case: DO-41 Molded plastic
Terminals: Axial leads, solderable per MIL-STD-202,Method 208
Polarity: Color band denotes cathode
Mounting Position: Any
Weight: 0.012 ounces, 0.34grams
SB120~SB1100
1 AMPERE SCHOTTKY BARRIER RECTIFIERS
VOLTAGE 50 to 100 Volts
CURRENT - 1.0 Ampere
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
Peak Reverse Voltage,Repetitive ; VRM
Maximum RMS Voltage
DC Reverse Voltage; VR
Maximum Forward Voltage at 1.0A
Maximum Average Forward Rectified Current .375” Lead Length
at TA=75°C
Peak Forward Surge Current, IFM (surge):8. 3ms single half sine-wave
superimposedon rated load(JEDEC method)
Maximum Full Load Reverse Current,Full Cycle Average at TA=75°C
Maximum DC Reverse Current at TA=25°C
At Rated DC Blocking Voltage TA=100°C
Typical Thermal Resistance R
θJA(Note 1)
Typical Junction capacitance (Note 2)
Operating Temperature Range TJ
V
V
A
mA
pF
UNIT
NOTES:
1. Measured at 1 MHz and applied reverse voltage of 4.0 VDC.
2. Thermal Resistance from Junction to Ambient .
°C / W
mA
mA
30.0
30.0
0.5
10.0
110
0.70
DO-41
Unit: inch ( mm )
.034(.86)
.028(.71)
.107(2.7)
.080(2.0)
°C
-50 to +125
80
A
1.0
V
V
SB120
20
14
20
SB130
30
21
30
SB140
40
28
40
SB150
50
35
50
SB160
60
42
60
SB180
80
56
80
SB1100
100
70
100
0.85
0.50


Similar Part No. - SB180

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
SB180 DGNJDZ-SB180 Datasheet
295Kb / 2P
   1.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Transys Electronics
SB180 TRSYS-SB180 Datasheet
145Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
SB180 SEMTECH_ELEC-SB180 Datasheet
199Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Guangdong Kexin Industr...
SB180 KEXIN-SB180 Datasheet
797Kb / 2P
   Schottky Diodes
logo
Nanjing International G...
SB180 DGNJDZ-SB180 Datasheet
295Kb / 2P
   1.0 AMP SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SB180

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1S2 PANJIT-1S2 Datasheet
45Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 1.0 Ampere)
SB120S PANJIT-SB120S Datasheet
46Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 1.0 Ampere)
logo
Surge Components
1N5817 SURGE-1N5817 Datasheet
66Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS VOLTAGE - 20 to 40 Volts CURRENT - 1.0 Ampere?
logo
Pan Jit International I...
1N5817 PANJIT-1N5817 Datasheet
98Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 40 Volts CURRENT - 1.0 Ampere)
logo
GOOD-ARK Electronics
SB170 GOOD-ARK-SB170_15 Datasheet
152Kb / 2P
   Schottky Barrier Rectifiers Reverse Voltage 70 to 100 Volts Forward Current 1.0 Ampere
SB170S GOOD-ARK-SB170S Datasheet
553Kb / 2P
   1.0 Amp Schottky Barrier Rectifiers Voltage Range 70 to 100 volts Forward Current 1.0 Ampere
logo
DAESAN ELECTRONIC CORP.
1N4933 DAESAN-1N4933 Datasheet
227Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 600 Volts
RL101FG DAESAN-RL101FG Datasheet
316Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1N4001A DAESAN-1N4001A Datasheet
304Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1N4001GP DAESAN-1N4001GP Datasheet
316Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1300 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com