Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4SMAJ170 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # P4SMAJ170
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 to 220 Volts 400 Watt Peak Power Pulse)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

P4SMAJ170 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  P4SMAJ170 Datasheet HTML 1Page - Pan Jit International Inc. P4SMAJ170 Datasheet HTML 2Page - Pan Jit International Inc. P4SMAJ170 Datasheet HTML 3Page - Pan Jit International Inc. P4SMAJ170 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PAGE . 3
Approve Sheet Part Number: P4SMAJ SERIES
P4SMAJ SERIES
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
VOLTAGE - 5.0 to 220 Volts 400 Watt Peak Power Pulse
RATING
Peak Power Dissipation at TA=25°C, TP=1ms(Note 1,2,5)Fig.1
Peak Forward Surge Current, per Figure 5(Note 3)
Peak Pulse Current Current on 10/1000µs waveform(Note 1,2,5)Fig.2
Steady State Power Dissipation(Note 4)
Operating and Storage Temperature Range
°C
NOTES:
1.Non-repetitive current pulse, per Fig. 3 and derated above TA=25°Cper Fig. 2.
2.Mounted on 5.0mm2 Copper pads to each terminal.
3.8.3ms single half sine-wave, duty cycle= 4 pulses per minutes maximum.
4.lead temperature at 75°C=TL.
5.Peak pluse power waveformis 10/1000µS.
FEATURES
• For surface mounted applications in order to optimize board space.
• Low profile package
• Built-in strain relief
• Glass passivated junction
• Excellent clamping capability
• Low inductance
• Fast response time: typically less than 1.0 ps from 0 volts to BV min
• Typical IR less than 1µA above 10V
• High temperature soldering : 250°C/10 seconds at terminals.
• Plastic package has Underwriters Laboratory Flammability
Classification 94V-O
MECHANICAL DATA
Case: JEDEC DO-214AC low profile molded plastic
Terminals: Solder leads, solderable per MIL-STD-750, Method 2026
Polarity: Indicated by cathode band except Bi-directional types.
Standard Packageing: 12mm tape per(EIA-481)
Weight: 0.002 ounces, 0.064 gram
MAXIMUM RATINGS AND CHARACTERISTICS
Rating at 25°Cambient temperature unless otherwise specified. Resistive or inductive load, 60Hz.
For Capacitive load derate current by 20%.
SYMBOL
VALUE
UNITS
P
PPM
Minimum 400
Watts
40.0
Amps
P
M(AV)
1.0
T
J, T STG
-55 to +150
SMA / DO-214AC
Unit: inch ( mm )
.157 (4.00)
.181 (4.60)
.006 (.152)
.012 (.305)
.008(.203)
.002(.051)
.188 (4.80)
.208 (5.28)
.030 (0.76)
.060 (1.52)
3.DATA SHEET
I
FSM
I
PPM
See Table 1
Watts
Amps


Similar Part No. - P4SMAJ170

ManufacturerPart #DatasheetDescription
logo
Surge Components
P4SMAJ170 SURGE-P4SMAJ170 Datasheet
213Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0-170Volts?
logo
Pan Jit International I...
P4SMAJ170 PANJIT-P4SMAJ170 Datasheet
179Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER
logo
Diotec Semiconductor
P4SMAJ170 DIOTEC-P4SMAJ170 Datasheet
172Kb / 4P
   SMD Transient Voltage Suppressor Diodes
logo
Transys Electronics
P4SMAJ170 TRSYS-P4SMAJ170 Datasheet
240Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Yea Shin Technology Co....
P4SMAJ170 YEASHIN-P4SMAJ170 Datasheet
102Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 440 Volts 400 Watt Peak Power Pulse
More results

Similar Description - P4SMAJ170

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
15SMCJ PANJIT-15SMCJ Datasheet
83Kb / 4P
   SURFACE MOUNT TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 220 Volts 1500 Watt Peak Power Pulse)
logo
Yea Shin Technology Co....
P4SMFJ5.0 YEASHIN-P4SMFJ5.0 Datasheet
1,002Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 188 Volts 400 Watt Peak Power Pulse
logo
Pan Jit International I...
P6SMBJ PANJIT-P6SMBJ Datasheet
80Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 to 220 Volts 600 Watt Peak Power Pulse)
logo
Yea Shin Technology Co....
P4SMAJ5.0 YEASHIN-P4SMAJ5.0 Datasheet
102Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 440 Volts 400 Watt Peak Power Pulse
logo
StarHope
TVS-SMAJ SPSEMI-TVS-SMAJ Datasheet
143Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 400 Watt Peak Pulse Power
logo
MDE Semiconductor, Inc.
SMLJ MDE-SMLJ Datasheet
96Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
List of Unclassifed Man...
SMDJ ETC1-SMDJ Datasheet
546Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
Yea Shin Technology Co....
P2SMSJ YEASHIN-P2SMSJ Datasheet
745Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 170 Volts 200 Watt Peak Power Pulse
P6SMBJ5.0 YEASHIN-P6SMBJ5.0 Datasheet
110Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 440 Volts 6 00 Watt Peak Power Pulse
logo
StarHope
TVS-SMBJ SPSEMI-TVS-SMBJ Datasheet
147Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 600 Watt Peak Pulse Power
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com