Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB2040CT Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # SB2040CT
Description  SCHOTTKY BARRIER RECTIFIERS(VOLTAGE- 20 to 100 Volts CURRENT - 20.0 Ampere)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SB2040CT Datasheet(HTML) 2 Page - Pan Jit International Inc.

  SB2040CT Datasheet HTML 1Page - Pan Jit International Inc. SB2040CT Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PAGE . 2
DATE : 02/08/31
RATING AND CHARACTERISTIC CURVES
Fig.2- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTIC
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
Fig.1- FORWARD CURRENT DERATING CURVE
CASE TEMPERATURE, C
O
0
50
100
150
25.0
20.0
15.0
10.0
5.0
0
.4
.5
.6
.7
.8
.9
1.0
1.1
40
10
8
6
4
2
1.0
.8
.6
.4
.2
.1
Fig.3- TYPICAL REVERSE CHARACTERISTIC
0
100
200
300
10
1.0
0.1
0.01
0.001
T= 100 C
C
O
T = 75 C
C
O
T = 25 C
C
O
Fig.5- TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
12
5
10 20
50 100
400
350
300
250
200
150
0
200
500
Fig.4- MAXIMUM NON-REPETITIVE SURGE CURRENT
NO. OF CYCLE AT 60HZ
160
140
120
100
80
60
40
20
0
1
2
5
10
20
50
100
200
180
(8
100)
0~
(5
60)
0~
(2
40)
0~


Similar Part No. - SB2040CT

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SB2040CT WTE-SB2040CT Datasheet
39Kb / 3P
   20A SCHOTTKY BARRIER RECTIFIER
logo
Chip Integration Techno...
SB2040CT CITC-SB2040CT Datasheet
97Kb / 3P
   20A High Power Schottky Barrier Rectifiers
logo
Micro Commercial Compon...
SB2040CT MCC-SB2040CT Datasheet
380Kb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
SUNMATE electronic Co.,...
SB2040CT SUNMATE-SB2040CT Datasheet
623Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SB2040CT WTE-SB2040CT Datasheet
49Kb / 4P
   20A DUAL SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SB2040CT

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB2020FCT PANJIT-SB2020FCT Datasheet
47Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS(VOLTAGE- 20 to 100 Volts CURRENT - 20.0 Ampere)
SB820 PANJIT-SB820 Datasheet
37Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 100 Volts CURRENT - 8 Ampere)
SB1020 PANJIT-SB1020 Datasheet
38Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS(VOLTAGE- 20 to 100 Volts CURRENT - 10.0 Ampere)
SB2520CT PANJIT-SB2520CT Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS(VOLTAGE- 20 to 100 Volts CURRENT - 25.0 Ampere)
SB1020CT PANJIT-SB1020CT Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS(VOLTAGE- 20 to 100 Volts CURRENT - 10.0 Ampere)
SB820CT PANJIT-SB820CT Datasheet
45Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 100 Volts CURRENT - 8 Ampere)
1S2 PANJIT-1S2 Datasheet
45Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 1.0 Ampere)
SB120S PANJIT-SB120S Datasheet
46Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 1.0 Ampere)
SB1020F PANJIT-SB1020F Datasheet
44Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS(VOLTAGE- 20 to 100 Volts CURRENT - 10.0 Ampere)
SB820FCT PANJIT-SB820FCT Datasheet
42Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 100 Volts CURRENT - 8 Ampere)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com