Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDRH64BNP-27OMC Datasheet(PDF) 5 Page - Sumida Corporation

Part # CDRH64BNP-27OMC
Description  CDRH64B
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH64BNP-27OMC Datasheet(HTML) 5 Page - Sumida Corporation

  CDRH64BNP-27OMC Datasheet HTML 1Page - Sumida Corporation CDRH64BNP-27OMC Datasheet HTML 2Page - Sumida Corporation CDRH64BNP-27OMC Datasheet HTML 3Page - Sumida Corporation CDRH64BNP-27OMC Datasheet HTML 4Page - Sumida Corporation CDRH64BNP-27OMC Datasheet HTML 5Page - Sumida Corporation CDRH64BNP-27OMC Datasheet HTML 6Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SPECIFICATION
TYPE
CDRH64B
2-2.ELECTRICAL CHARACTERISTICSⅠ(IN THE CASE OF REEL)
NO.
PART NAME
STAMP
INDUCTANCE
[WITHIN]
※1
D.C.R.
(Ω)[MAX.]
(at 20℃) ※2
RATED
CURRENT
(A) ※3
SUMIDA
CODE
01
02
CDRH64BNP-1
ØØMC
CDRH64BNP-12
ØMC
100
120
10μH ± 20%
12μH ± 20%
0.12 (88m)
0.13 (97m)
1.35
1.20
4745-0145
4745-0146
03
04
CDRH64BNP-15
ØMC
CDRH64BNP-18
ØMC
150
180
15μH ± 20%
18μH ± 20%
0.18 (0.13)
0.24 (0.18)
1.10
1.00
4745-0147
4745-0148
05
06
CDRH64BNP-22
ØMC
CDRH64BNP-27
ØMC
220
270
22μH ± 20%
27μH ± 20%
0.27 (0.20)
0.30 (0.22)
0.91
0.82
4745-0149
4745-0150
07
08
CDRH64BNP-33
ØMC
CDRH64BNP-39
ØMC
330
390
33μH ± 20%
39μH ± 20%
0.33 (0.25)
0.37 (0.27)
0.75
0.69
4745-0151
4745-0152
09
10
CDRH64BNP-47
ØMC
CDRH64BNP-56
ØMC
470
560
47μH ± 20%
56μH ± 20%
0.52 (0.38)
0.56 (0.41)
0.62
0.58
4745-0154
4745-0155
11
12
CDRH64BNP-68
ØMC
CDRH64BNP-82
ØMC
680
820
68μH ± 20%
82μH ± 20%
0.63 (0.47)
0.71 (0.53)
0.52
0.47
4745-0156
4745-0157
13
14
CDRH64BNP-1
Ø1MC
CDRH64BNP-121MC
101
121
100μH ± 20%
120μH ± 20%
1.03 (0.76)
1.15 (0.85)
0.43
0.39
4745-0158
4745-0159
15
16
CDRH64BNP-151MC
CDRH64BNP-181MC
151
181
150μH ± 20%
180μH ± 20%
1.68 (1.29)
1.87 (1.44)
0.35
0.32
4745-0160
4745-0161
17
18
CDRH64BNP-221MC
CDRH64BNP-271MC
221
271
220μH ± 20%
270μH ± 20%
2.08 (1.60)
2.37 (1.82)
0.29
0.26
4745-0162
4745-0163
19
20
CDRH64BNP-331MC
CDRH64BNP-391MC
331
391
330μH ± 20%
390μH ± 20%
2.67 (2.05)
2.94 (2.26)
0.23
0.22
4745-0165
4745-0166
21
22
CDRH64BNP-471MC
CDRH64BNP-561MC
471
561
470μH ± 20%
560μH ± 20%
3.93 (3.02)
5.43 (4.18)
0.20
0.18
4745-0167
4745-0168
23
24
CDRH64BNP-681MC
CDRH64BNP-821MC
681
821
680μH ± 20%
820μH ± 20%
7.32 (5.63)
8.24 (6.34)
0.17
0.15
4745-0169
4745-0170
25
CDRH64BNP-1
Ø2MC
102
1 mH ± 20%
9.26 (7.13)
0.14
4745-0171
※1: MEASURED FREQUENCY
at
1
kHz
※2: (
)TYPICAL VALUE.
※3: THIS INDICATES THE VALUE OF CURRENT WHEN THE INDUCTANCE IS 75% LOWER THAN ITS NOMINAL VALUE
AT D.C. SUPERPOSITION OR D.C. CURRENT WHEN ΔT=40℃ WHICHEVER IS LOWER.(Ta=20℃)


Similar Part No. - CDRH64BNP-27OMC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH64BNP-270MC-B SUMIDA-CDRH64BNP-270MC-B Datasheet
282Kb / 5P
   SMD Power Inductor
CDRH64BNP-271MC-B SUMIDA-CDRH64BNP-271MC-B Datasheet
282Kb / 5P
   SMD Power Inductor
More results

Similar Description - CDRH64BNP-27OMC

ManufacturerPart #DatasheetDescription
logo
AIT Components Ltd.
CDRH64B AITCOMPONENTS-CDRH64B Datasheet
32Kb / 1P
   CDRH64B SMD POWER INDUCTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com