Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTM20DAM05 Datasheet(PDF) 4 Page - Advanced Power Technology

Part # APTM20DAM05
Description  Boost chopper MOSFET Power Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTM20DAM05 Datasheet(HTML) 4 Page - Advanced Power Technology

  APTM20DAM05 Datasheet HTML 1Page - Advanced Power Technology APTM20DAM05 Datasheet HTML 2Page - Advanced Power Technology APTM20DAM05 Datasheet HTML 3Page - Advanced Power Technology APTM20DAM05 Datasheet HTML 4Page - Advanced Power Technology APTM20DAM05 Datasheet HTML 5Page - Advanced Power Technology APTM20DAM05 Datasheet HTML 6Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
APTM20DAM05
APT website – http://www.advancedpower.com
4 – 6
Typical Performance Curve
0.9
0.7
0.5
0.3
0.1
0.05
Single Pulse
0
0.02
0.04
0.06
0.08
0.1
0.12
0.00001
0.0001
0.001
0.01
0.1
1
10
rectangular Pulse Duration (Seconds)
Maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration
5.5V
6V
6.5V
7V
7.5V
9V
0
200
400
600
800
1000
0
5
10
15
20
25
VDS, Drain to Source Voltage (V)
VGS=15&10V
Low Voltage Output Characteristics
Transfert Characteristics
TJ=-55°C
TJ=25°C
TJ=125°C
0
200
400
600
800
2345
6789
VGS, Gate to Source Voltage (V)
VDS > ID(on)xRDS(on)MAX
250µs pulse test @ < 0.5 duty cycle
RDS(on) vs Drain Current
VGS=10V
VGS=20V
0.9
0.95
1
1.05
1.1
1.15
1.2
0
100
200
300
400
ID, Drain Current (A)
Normalized to
VGS=10V @ 158.5A
0
40
80
120
160
200
240
280
320
25
50
75
100
125
150
TC, Case Temperature (°C)
DC Drain Current vs Case Temperature


Similar Part No. - APTM20DAM05

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTM20DAM05G MICROSEMI-APTM20DAM05G Datasheet
276Kb / 6P
   Boost chopper MOSFET Power Module
More results

Similar Description - APTM20DAM05

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTM100DAM90G MICROSEMI-APTM100DAM90G Datasheet
272Kb / 6P
   Boost chopper MOSFET Power Module
APTM120DA15G MICROSEMI-APTM120DA15G Datasheet
271Kb / 6P
   Boost chopper MOSFET Power Module
APTM50DAM35TG MICROSEMI-APTM50DAM35TG Datasheet
286Kb / 6P
   Boost Chopper MOSFET Power Module
logo
Advanced Power Technolo...
APTM10DAM05T ADPOW-APTM10DAM05T Datasheet
308Kb / 6P
   Boost chopper MOSFET Power Module
APTM20DAM08TG ADPOW-APTM20DAM08TG Datasheet
309Kb / 6P
   Boost chopper MOSFET Power Module
logo
Microsemi Corporation
APTM20DAM04G MICROSEMI-APTM20DAM04G Datasheet
272Kb / 6P
   Boost chopper MOSFET Power Module
logo
Advanced Power Technolo...
APTM20DAM04 ADPOW-APTM20DAM04 Datasheet
285Kb / 6P
   Boost chopper MOSFET Power Module
logo
Microsemi Corporation
APTM20DAM08TG MICROSEMI-APTM20DAM08TG Datasheet
289Kb / 6P
   Boost chopper MOSFET Power Module
APTM100DA33T1G MICROSEMI-APTM100DA33T1G Datasheet
151Kb / 5P
   Boost chopper MOSFET Power Module
APTM100DA40T1G MICROSEMI-APTM100DA40T1G Datasheet
151Kb / 5P
   Boost chopper MOSFET Power Module
logo
Advanced Power Technolo...
APTM20DAM10T ADPOW-APTM20DAM10T Datasheet
301Kb / 6P
   Boost chopper MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com