Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTM20DAM10T Datasheet(PDF) 6 Page - Advanced Power Technology

Part # APTM20DAM10T
Description  Boost chopper MOSFET Power Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTM20DAM10T Datasheet(HTML) 6 Page - Advanced Power Technology

  APTM20DAM10T Datasheet HTML 1Page - Advanced Power Technology APTM20DAM10T Datasheet HTML 2Page - Advanced Power Technology APTM20DAM10T Datasheet HTML 3Page - Advanced Power Technology APTM20DAM10T Datasheet HTML 4Page - Advanced Power Technology APTM20DAM10T Datasheet HTML 5Page - Advanced Power Technology APTM20DAM10T Datasheet HTML 6Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
APTM20DAM10T
APT website – http://www.advancedpower.com
6 – 6
Delay Times vs Current
td(on)
td(off)
10
20
30
40
50
60
70
80
90
0
50
100
150
200
250
300
ID, Drain Current (A)
VDS=133V
RG=2.5Ω
TJ=125°C
L=100µH
Rise and Fall times vs Current
tr
tf
0
20
40
60
80
100
120
140
160
0
50
100
150
200
250
300
ID, Drain Current (A)
VDS=133V
RG=2.5Ω
TJ=125°C
L=100µH
Switching Energy vs Current
Eon
Eoff
0
0.5
1
1.5
2
2.5
0
50
100
150
200
250
300
ID, Drain Current (A)
VDS=133V
RG=2.5Ω
TJ=125°C
L=100µH
Eon
Eoff
1
1.5
2
2.5
3
0
5
10
15
20
Gate Resistance (Ohms)
Switching Energy vs Gate Resistance
VDS=133V
ID=150A
TJ=125°C
L=100µH
0
50
100
150
200
250
300
350
20
40
60
80 100 120 140 160
ID, Drain Current (A)
Operating Frequency vs Drain Current
VDS=133V
D=50%
RG=2.5Ω
TJ=125°C
TJ=25°C
TJ=150°C
1
10
100
1000
0.3 0.5 0.7 0.9 1.1 1.3 1.5 1.7 1.9
VSD, Source to Drain Voltage (V)
Source to Drain Diode Forward Voltage
APT reserves the right to change, without notice, the specifications and information contained herein
APT's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522
5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.


Similar Part No. - APTM20DAM10T

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTM20DAM10TG MICROSEMI-APTM20DAM10TG Datasheet
286Kb / 6P
   Boost chopper MOSFET Power Module
More results

Similar Description - APTM20DAM10T

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTM100DAM90G MICROSEMI-APTM100DAM90G Datasheet
272Kb / 6P
   Boost chopper MOSFET Power Module
APTM120DA15G MICROSEMI-APTM120DA15G Datasheet
271Kb / 6P
   Boost chopper MOSFET Power Module
APTM50DAM35TG MICROSEMI-APTM50DAM35TG Datasheet
286Kb / 6P
   Boost Chopper MOSFET Power Module
logo
Advanced Power Technolo...
APTM10DAM05T ADPOW-APTM10DAM05T Datasheet
308Kb / 6P
   Boost chopper MOSFET Power Module
APTM20DAM08TG ADPOW-APTM20DAM08TG Datasheet
309Kb / 6P
   Boost chopper MOSFET Power Module
logo
Microsemi Corporation
APTM20DAM04G MICROSEMI-APTM20DAM04G Datasheet
272Kb / 6P
   Boost chopper MOSFET Power Module
logo
Advanced Power Technolo...
APTM20DAM04 ADPOW-APTM20DAM04 Datasheet
285Kb / 6P
   Boost chopper MOSFET Power Module
logo
Microsemi Corporation
APTM20DAM08TG MICROSEMI-APTM20DAM08TG Datasheet
289Kb / 6P
   Boost chopper MOSFET Power Module
APTM100DA33T1G MICROSEMI-APTM100DA33T1G Datasheet
151Kb / 5P
   Boost chopper MOSFET Power Module
APTM100DA40T1G MICROSEMI-APTM100DA40T1G Datasheet
151Kb / 5P
   Boost chopper MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com