Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB2530FCT Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # SB2530FCT
Description  ISOLATION SCHOTTKY BARRIER RECTIFIERS(VOLTAGE- 20 to 100 Volts CURRENT - 25.0 Ampere)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SB2530FCT Datasheet(HTML) 1 Page - Pan Jit International Inc.

  SB2530FCT Datasheet HTML 1Page - Pan Jit International Inc. SB2530FCT Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PAGE . 1
DATE : OCT.15.2002
DATA SHEET
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O.
Flame Retardant Epoxy Molding Compound.
• Exceeds environmental standards of
MIL-S-19500/228
• Low power loss, high efficiency.
• Low forwrd voltge, high current capability
• High surge capacity.
• For use in low voltage,high frequency inverters
free wheeling , and polarlity protection applications.
MECHANICAL DATA
Case: ITO-220AB Molded plastic
Terminals: Solder plated, solderable per MIL-STD-202, Method 208
Polarity: As marked.
Standard packaging: Any
Weight: 0.08 ounces, 2.24grams.
SB2520FCT~SB25100FCT
ISOLATION SCHOTTKY BARRIER RECTIFIERS
VOLTAGE- 20 to 100 Volts CURRENT - 25.0 Ampere
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current at Tc=90°C
Peak Forward Surge Current,
8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage
at 12.5A per element
Maximum DC Reverse Current (Note 1) Ta=25°C
at Rated DC Blocking Voltage
Ta=100°C
Typical Thermal Resistance Note R
θJA
Operating and Storage Temperature Range T
J
V
V
mA
UNIT
NOTES:
1. Thermal Resistance Junction to Ambient .
V
0.85
0.5
100
ITO-220AB
Unit:inch(mm)
.406(10.3) MAX
.035(.9) MAX
.134(3.4)
.189(4.8)MAX
.1
(2.55)
(2.55)
.1
.118(3.0)
.055(1.4) MAX
.071(1.8) MAX
.130(3.3)MAX
.032(.8)
MAX
AC
AC
Positive CT
.114(2.9)
.098(2.5)
°C
-50 to +125
100
A
200
V
A
25
°C/W
SB25100FCT
100.0
70.0
100.0
SB2580FCT
80.0
56.0
80.0
SB2560FCT
60.0
42.0
60.0
SB2550FCT
50.0
35.0
50.0
SB2540FCT
40.0
28.0
40.0
SB2530FCT
30.0
21.0
30.0
SB2520FCT
20.0
14.0
20.0
0.75
0.55


Similar Part No. - SB2530FCT

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SB2530FCT WTE-SB2530FCT Datasheet
40Kb / 3P
   25A ISOLATION SCHOTTKY BARRIER RECTIFIER
SB2530FCT WTE-SB2530FCT Datasheet
50Kb / 4P
   25A DUAL SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB2530FCT PANJIT-SB2530FCT Datasheet
45Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS
logo
PACELEADER INDUSTRIAL
SB2530FCT PACELEADER-SB2530FCT Datasheet
267Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB2530FCT PANJIT-SB2530FCT Datasheet
91Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SB2530FCT

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB2520CT PANJIT-SB2520CT Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS(VOLTAGE- 20 to 100 Volts CURRENT - 25.0 Ampere)
SB1020F PANJIT-SB1020F Datasheet
44Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS(VOLTAGE- 20 to 100 Volts CURRENT - 10.0 Ampere)
SB820FCT PANJIT-SB820FCT Datasheet
42Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 100 Volts CURRENT - 8 Ampere)
SB1020FCT PANJIT-SB1020FCT Datasheet
47Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS(VOLTAGE- 20 to 100 Volts CURRENT - 10.0 Ampere)
SB2020FCT PANJIT-SB2020FCT Datasheet
47Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS(VOLTAGE- 20 to 100 Volts CURRENT - 20.0 Ampere)
SB620F PANJIT-SB620F Datasheet
89Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 60 Volts CURRENT - 6 Ampere)
SB620FCT PANJIT-SB620FCT Datasheet
92Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 60 Volts CURRENT - 6 Ampere)
SB820 PANJIT-SB820 Datasheet
37Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 100 Volts CURRENT - 8 Ampere)
SB1020 PANJIT-SB1020 Datasheet
38Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS(VOLTAGE- 20 to 100 Volts CURRENT - 10.0 Ampere)
SB2020CT PANJIT-SB2020CT Datasheet
45Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS(VOLTAGE- 20 to 100 Volts CURRENT - 20.0 Ampere)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com