Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDR1O5BNP-391KB Datasheet(PDF) 5 Page - Sumida Corporation

Part # CDR1O5BNP-391KB
Description  CDR105B
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDR1O5BNP-391KB Datasheet(HTML) 5 Page - Sumida Corporation

  CDR1O5BNP-391KB Datasheet HTML 1Page - Sumida Corporation CDR1O5BNP-391KB Datasheet HTML 2Page - Sumida Corporation CDR1O5BNP-391KB Datasheet HTML 3Page - Sumida Corporation CDR1O5BNP-391KB Datasheet HTML 4Page - Sumida Corporation CDR1O5BNP-391KB Datasheet HTML 5Page - Sumida Corporation CDR1O5BNP-391KB Datasheet HTML 6Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SPECIFICATION
TYPE
CDR105B
2-2.ELECTRICAL CHARACTERISTICS
NO.
PART NO.
STAMP
INDUCTANCE
[WITHIN]
※1
D.C.R.
(Ω)[MAX.]
(at 20℃)
RATED
CURRENT
(A)
※2
S.R.F.
(MHz)
[Ref.]
SUMIDA
CODE
01
CDR1Ø5BNP-1ØØMC
-0093
02
CDR1Ø5BNP-1ØØMB
100
10μH ± 20%
0.06
2.06
29.1
-0094
03
CDR1Ø5BNP-12ØMC
-0095
04
CDR1Ø5BNP-12ØMB
120
12μH ± 20%
0.07
1.94
26.5
-0096
05
CDR1Ø5BNP-15ØMC
-0097
06
CDR1Ø5BNP-15ØMB
150
15μH ± 20%
0.07
1.72
24.2
-0098
07
CDR1Ø5BNP-18ØMC
-0101
08
CDR1Ø5BNP-18ØMB
180
18μH ± 20%
0.08
1.58
21.8
-0102
09
CDR1Ø5BNP-22ØMC
-0103
10
CDR1Ø5BNP-22ØMB
220
22μH ± 20%
0.08
1.42
18.8
-0104
11
CDR1Ø5BNP-27ØMC
-0105
12
CDR1Ø5BNP-27ØMB
270
27μH ± 20%
0.10
1.32
17.1
-0106
13
CDR1Ø5BNP-33ØLC
-0107
14
CDR1Ø5BNP-33ØLB
330
33μH ± 15%
0.11
1.16
14.2
-0108
15
CDR1Ø5BNP-39ØLC
-0109
16
CDR1Ø5BNP-39ØLB
390
39μH ± 15%
0.12
1.10
14.1
-0110
17
CDR1Ø5BNP-47ØLC
-0112
18
CDR1Ø5BNP-47ØLB
470
47μH ± 15%
0.14
1.00
11.5
-0113
19
CDR1Ø5BNP-56ØLC
-0114
20
CDR1Ø5BNP-56ØLB
560
56μH ± 15%
0.19
0.93
11.1
-0115
21
CDR1Ø5BNP-68ØLC
-0116
22
CDR1Ø5BNP-68ØLB
680
68μH ± 15%
0.21
0.85
10.2
-0117
23
CDR1Ø5BNP-82ØLC
-0118
24
CDR1Ø5BNP-82ØLB
820
82μH ± 15%
0.28
0.79
9.2
-0119


Similar Part No. - CDR1O5BNP-391KB

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDR105 SUMIDA-CDR105 Datasheet
227Kb / 3P
   POWER INDUCTORS
logo
ECM Electronics Limited...
CDR105B ECM-CDR105B Datasheet
162Kb / 7P
   Surface Mount Power Inductors
logo
Sumida Corporation
CDR105B SUMIDA-CDR105B Datasheet
227Kb / 3P
   POWER INDUCTORS
logo
AIT Components Ltd.
CDR105B AITCOMPONENTS-CDR105B Datasheet
31Kb / 1P
   CDR105B SMD POWER INDUCTOR
logo
ECM Electronics Limited...
CDR105B-100 ECM-CDR105B-100 Datasheet
162Kb / 7P
   Surface Mount Power Inductors
More results

Similar Description - CDR1O5BNP-391KB

ManufacturerPart #DatasheetDescription
logo
AIT Components Ltd.
CDR105B AITCOMPONENTS-CDR105B Datasheet
31Kb / 1P
   CDR105B SMD POWER INDUCTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com