Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDRH104NP-101MC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRH104NP-101MC
Description  CDRH104
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH104NP-101MC Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH104NP-101MC Datasheet HTML 1Page - Sumida Corporation CDRH104NP-101MC Datasheet HTML 2Page - Sumida Corporation CDRH104NP-101MC Datasheet HTML 3Page - Sumida Corporation CDRH104NP-101MC Datasheet HTML 4Page - Sumida Corporation CDRH104NP-101MC Datasheet HTML 5Page - Sumida Corporation CDRH104NP-101MC Datasheet HTML 6Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SPECIFICATION
TYPE
CDRH104
2-2.ELECTRICAL CHARACTERISTICSⅠ(IN THE CASE OF REEL)
NO.
PART NO.
STAMP
INDUCTANCE
[WITHIN]
※1
D.C.R.
(Ω)[MAX.]
(at 20℃) ※2
RATED
CURRENT
(A) ※3
SUMIDA
CODE
01
02
CDRH1Ø4NP-1ØØMC
CDRH1Ø4NP-12ØMC
100
120
10μH±20%
12μH±20%
50m(37m)
54m(40m)
2.40
2.25
4746-0270
4746-0271
03
04
CDRH1Ø4NP-15ØMC
CDRH1Ø4NP-18ØMC
150
180
15μH±20%
18μH±20%
61m(45m)
84m(63m)
2.00
1.80
4746-0272
4746-0273
05
06
CDRH1Ø4NP-22ØMC
CDRH1Ø4NP-27ØMC
220
270
22μH±20%
27μH±20%
94m(69m)
0.11(82m)
1.65
1.45
4746-0274
4746-0275
07
08
CDRH1Ø4NP-33ØMC
CDRH1Ø4NP-39ØMC
330
390
33μH±20%
39μH±20%
0.15(0.11)
0.17(0.13)
1.35
1.20
4746-0276
4746-0277
09
10
CDRH1Ø4NP-47ØMC
CDRH1Ø4NP-56ØMC
470
560
47μH±20%
56μH±20%
0.21(0.15)
0.23(0.17)
1.10
1.00
4746-0279
4746-0280
11
12
CDRH1Ø4NP-68ØMC
CDRH1Ø4NP-82ØMC
680
820
68μH±20%
82μH±20%
0.26(0.20)
0.36(0.27)
0.93
0.84
4746-0281
4746-0282
13
14
CDRH1Ø4NP-1Ø1MC
CDRH1Ø4NP-121MC
101
121
100μH±20%
120μH±20%
0.41(0.30)
0.45(0.34)
0.76
0.70
4746-0283
4746-0284
15
16
CDRH1Ø4NP-151MC
CDRH1Ø4NP-181MC
151
181
150μH±20%
180μH±20%
0.64(0.47)
0.84(0.62)
0.63
0.57
4746-0285
4746-0286
17
18
CDRH1Ø4NP-221MC
CDRH1Ø4NP-271MC
221
271
220μH±20%
270μH±20%
0.96(0.71)
1.07(0.79)
0.52
0.47
4746-0287
4746-0288
19
20
CDRH1Ø4NP-331MC
CDRH1Ø4NP-391MC
331
391
330μH±20%
390μH±20%
1.37(1.05)
1.55(1.19)
0.43
0.39
4746-0291
4746-0292
21
CDRH1Ø4NP-471MC
471
470μH±20%
1.74(1.34)
0.36
4746-0293


Similar Part No. - CDRH104NP-101MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH104NP-101MC SUMIDA-CDRH104NP-101MC Datasheet
236Kb / 3P
   POWER INDUCTORS (SMD Type)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com