Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDRH62NP-12OMB Datasheet(PDF) 5 Page - Sumida Corporation

Part # CDRH62NP-12OMB
Description  CDRH62
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH62NP-12OMB Datasheet(HTML) 5 Page - Sumida Corporation

  CDRH62NP-12OMB Datasheet HTML 1Page - Sumida Corporation CDRH62NP-12OMB Datasheet HTML 2Page - Sumida Corporation CDRH62NP-12OMB Datasheet HTML 3Page - Sumida Corporation CDRH62NP-12OMB Datasheet HTML 4Page - Sumida Corporation CDRH62NP-12OMB Datasheet HTML 5Page - Sumida Corporation CDRH62NP-12OMB Datasheet HTML 6Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SPECIFICATION
TYPE
CDRH62
2-2.ELECTRICAL CHARACTERISTICS Ⅰ(IN THE CASE OF REEL)
NO.
PART NO.
STAMP
INDUCTANCE
[WITHIN]
※1
D.C.R.
(Ω)[MAX.]
(at 20℃)
RATED
CURRENT
(A) ※2
SUMIDA
CODE
01
CDRH62NP-6R8NC
6R8
6.8μH ± 25%
0.12
1.57
-0066
02
CDRH62NP-8R2NC
8R2
8.2μH ± 25%
0.13
1.38
-0067
03
CDRH62NP-1
ØØMC
100
10 μH ± 20%
0.17
1.28
-0069
04
CDRH62NP-12
ØMC
120
12 μH ± 20%
0.18
1.19
-0070
05
CDRH62NP-15
ØMC
150
15 μH ± 20%
0.26
0.97
-0071
06
CDRH62NP-18
ØMC
180
18 μH ± 20%
0.30
0.94
-0072
07
CDRH62NP-22
ØMC
220
22 μH ± 20%
0.38
0.81
-0073
08
CDRH62NP-27
ØMC
270
27 μH ± 20%
0.43
0.71
-0074
09
CDRH62NP-33
ØMC
330
33 μH ± 20%
0.48
0.64
-0075
10
CDRH62NP-39
ØMC
390
39 μH ± 20%
0.69
0.59
-0076
11
CDRH62NP-47
ØMC
470
47 μH ± 20%
0.77
0.54
-0077
12
CDRH62NP-56
ØMC
560
56 μH ± 20%
0.85
0.52
-0078
13
CDRH62NP-68
ØMC
680
68 μH ± 20%
1.21
0.49
-0081
14
CDRH62NP-82
ØMC
820
82 μH ± 20%
1.42
0.41
-0082
15
CDRH62NP-1
Ø1MC
101
100μH ± 20%
1.50
0.39
-0083
16
CDRH62NP-121MC
121
120μH ± 20%
2.10
0.30
-0084
17
CDRH62NP-151MC
151
150μH ± 20%
2.33
0.28
-0085
18
CDRH62NP-181MC
181
180μH ± 20%
3.20
0.25
-0086
19
CDRH62NP-221MC
221
220μH ± 20%
3.69
0.23
-0087
20
CDRH62NP-271MC
271
270μH ± 20%
4.89
0.20
-0088
21
CDRH62NP-331MC
331
330μH ± 20%
5.42
0.18
-0089


Similar Part No. - CDRH62NP-12OMB

ManufacturerPart #DatasheetDescription
logo
Linear Technology
CDRH62-470 LINER-CDRH62-470 Datasheet
96Kb / 12P
   500mA Low Voltage Step-Down Synchronous
logo
Sumida Corporation
CDRH62B SUMIDA-CDRH62B Datasheet
205Kb / 6P
   CDRH62B
logo
AIT Components Ltd.
CDRH62B AITCOMPONENTS-CDRH62B Datasheet
31Kb / 1P
   CDRH62B SMD POWER INDUCTOR
CDRH62B-100 AITCOMPONENTS-CDRH62B-100 Datasheet
31Kb / 1P
   CDRH62B SMD POWER INDUCTOR
CDRH62B-101 AITCOMPONENTS-CDRH62B-101 Datasheet
31Kb / 1P
   CDRH62B SMD POWER INDUCTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com