Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDRH104NP-331MC Datasheet(PDF) 6 Page - Sumida Corporation

Part # CDRH104NP-331MC
Description  CDRH104
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH104NP-331MC Datasheet(HTML) 6 Page - Sumida Corporation

  CDRH104NP-331MC Datasheet HTML 1Page - Sumida Corporation CDRH104NP-331MC Datasheet HTML 2Page - Sumida Corporation CDRH104NP-331MC Datasheet HTML 3Page - Sumida Corporation CDRH104NP-331MC Datasheet HTML 4Page - Sumida Corporation CDRH104NP-331MC Datasheet HTML 5Page - Sumida Corporation CDRH104NP-331MC Datasheet HTML 6Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
仕 様 書
CDRH104
2-3.電気的特性Ⅱ(箱梱包の場合)
NO.
表示
インダクタンス
[以内]
※1
D.C.R.
(Ω)[以下]
(at 20℃)※2
定格電流
(A)
※3
スミダ
コード
22
23
CDRH1Ø4NP-1ØØMB
CDRH1Ø4NP-12ØMB
100
120
10μH±20%
12μH±20%
50m(37m)
54m(40m)
2.40
2.25
4746-0294
4746-0295
24
25
CDRH1Ø4NP-15ØMB
CDRH1Ø4NP-18ØMB
150
180
15μH±20%
18μH±20%
61m(45m)
84m(63m)
2.00
1.80
4746-0296
4746-0297
26
27
CDRH1Ø4NP-22ØMB
CDRH1Ø4NP-27ØMB
220
270
22μH±20%
27μH±20%
94m(69m)
0.11(82m)
1.65
1.45
4746-0298
4746-0299
28
29
CDRH1Ø4NP-33ØMB
CDRH1Ø4NP-39ØMB
330
390
33μH±20%
39μH±20%
0.15(0.11)
0.17(0.13)
1.35
1.20
4746-0300
4746-0325
30
31
CDRH1Ø4NP-47ØMB
CDRH1Ø4NP-56ØMB
470
560
47μH±20%
56μH±20%
0.21(0.15)
0.23(0.17)
1.10
1.00
4746-0326
4746-0327
32
33
CDRH1Ø4NP-68ØMB
CDRH1Ø4NP-82ØMB
680
820
68μH±20%
82μH±20%
0.26(0.20)
0.36(0.27)
0.93
0.84
4746-0328
4746-0329
34
35
CDRH1Ø4NP-1Ø1MB
CDRH1Ø4NP-121MB
101
121
100μH±20%
120μH±20%
0.41(0.30)
0.45(0.34)
0.76
0.70
4746-0330
4746-0331
36
37
CDRH1Ø4NP-151MB
CDRH1Ø4NP-181MB
151
181
150μH±20%
180μH±20%
0.64(0.47)
0.84(0.62)
0.63
0.57
4746-0332
4746-0333
38
39
CDRH1Ø4NP-221MB
CDRH1Ø4NP-271MB
221
271
220μH±20%
270μH±20%
0.96(0.71)
1.07(0.79)
0.52
0.47
4746-0335
4746-0336
40
41
CDRH1Ø4NP-331MB
CDRH1Ø4NP-391MB
331
391
330μH±20%
390μH±20%
1.37(1.05)
1.55(1.19)
0.43
0.39
4746-0337
4746-0338
42
CDRH1Ø4NP-471MB
471
470μH±20%
1.74(1.34)
0.36
4746-0339
※1: 測定周波数
at
1
kHz
※2: ( )内は標準値とする。
※3: 定格電流は直流重畳特性において定格電流を流した時、インダクタンスは公称インダクタンスの75%以
上及びコイルの発熱は、△t=40℃以下とする。 (Ta=20℃を基凖とする。)
3.使用温度範囲
-40℃∼+100℃(コイルの発熱を含む。)
保存温度範囲
-40℃∼+100℃


Similar Part No. - CDRH104NP-331MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH104NP-331MC SUMIDA-CDRH104NP-331MC Datasheet
236Kb / 3P
   POWER INDUCTORS (SMD Type)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com