Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDRH62NP-82OMB Datasheet(PDF) 6 Page - Sumida Corporation

Part # CDRH62NP-82OMB
Description  CDRH62
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH62NP-82OMB Datasheet(HTML) 6 Page - Sumida Corporation

  CDRH62NP-82OMB Datasheet HTML 1Page - Sumida Corporation CDRH62NP-82OMB Datasheet HTML 2Page - Sumida Corporation CDRH62NP-82OMB Datasheet HTML 3Page - Sumida Corporation CDRH62NP-82OMB Datasheet HTML 4Page - Sumida Corporation CDRH62NP-82OMB Datasheet HTML 5Page - Sumida Corporation CDRH62NP-82OMB Datasheet HTML 6Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SPECIFICATION
TYPE
CDRH62
2-3.ELECTRICAL CHARACTERISTICS Ⅱ(IN THE CASE OF BOX)
NO.
PART NO.
STAMP
INDUCTANCE
[WITHIN]
※1
D.C.R.
(Ω)[MAX.]
(at 20℃)
RATED
CURRENT
(A) ※2
SUMIDA
CODE
22
CDRH62NP-6R8NB
6R8
6.8μH ± 25%
0.12
1.57
-0090
23
CDRH62NP-8R2NB
8R2
8.2μH ± 25%
0.13
1.38
-0092
24
CDRH62NP-1
ØØMB
100
10 μH ± 20%
0.17
1.28
-0093
25
CDRH62NP-12
ØMB
120
12 μH ± 20%
0.18
1.19
-0094
26
CDRH62NP-15
ØMB
150
15 μH ± 20%
0.26
0.97
-0095
27
CDRH62NP-18
ØMB
180
18 μH ± 20%
0.30
0.94
-0096
28
CDRH62NP-22
ØMB
220
22 μH ± 20%
0.38
0.81
-0097
29
CDRH62NP-27
ØMB
270
27 μH ± 20%
0.43
0.71
-0098
30
CDRH62NP-33
ØMB
330
33 μH ± 20%
0.48
0.64
-0099
31
CDRH62NP-39
ØMB
390
39 μH ± 20%
0.69
0.59
-0100
32
CDRH62NP-47
ØMB
470
47 μH ± 20%
0.77
0.54
-0101
33
CDRH62NP-56
ØMB
560
56 μH ± 20%
0.85
0.52
-0103
34
CDRH62NP-68
ØMB
680
68 μH ± 20%
1.21
0.49
-0104
35
CDRH62NP-82
ØMB
820
82 μH ± 20%
1.42
0.41
-0105
36
CDRH62NP-1
Ø1MB
101
100μH ± 20%
1.50
0.39
-0106
37
CDRH62NP-121MB
121
120μH ± 20%
2.10
0.30
-0107
38
CDRH62NP-151MB
151
150μH ± 20%
2.33
0.28
-0108
39
CDRH62NP-181MB
181
180μH ± 20%
3.20
0.25
-0109
40
CDRH62NP-221MB
221
220μH ± 20%
3.69
0.23
-0110
41
CDRH62NP-271MB
271
270μH ± 20%
4.89
0.20
-0111
42
CDRH62NP-331MB
331
330μH ± 20%
5.42
0.18
-0112
※1: MEASURED FREQUENCY
6.8μH ~ 8.2μH
at 7.96MHz
10μH ~ 82μH
at 2.52MHz
100μH ~ 330μH
at
1 kHz
※2: THIS INDICATES THE VALUE OF CURRENT WHEN THE INDUCTANCE IS 70% MORE THAN IT
’S NOMINAL
VALUE AND TEMPERATURE RISING △t=40℃ LOWER AT D.C. SUPERPOSITION.(Ta=20℃)
OPERATING TEMPERATURE RANGE: −40℃ ∼ +100℃ (INCLUDING SELF TEMPERATURE RISE)
3.STORAGE TEMPERATURE RANGE
: −40℃ ∼ +100℃


Similar Part No. - CDRH62NP-82OMB

ManufacturerPart #DatasheetDescription
logo
Linear Technology
CDRH62-470 LINER-CDRH62-470 Datasheet
96Kb / 12P
   500mA Low Voltage Step-Down Synchronous
logo
Sumida Corporation
CDRH62B SUMIDA-CDRH62B Datasheet
205Kb / 6P
   CDRH62B
logo
AIT Components Ltd.
CDRH62B AITCOMPONENTS-CDRH62B Datasheet
31Kb / 1P
   CDRH62B SMD POWER INDUCTOR
CDRH62B-100 AITCOMPONENTS-CDRH62B-100 Datasheet
31Kb / 1P
   CDRH62B SMD POWER INDUCTOR
CDRH62B-101 AITCOMPONENTS-CDRH62B-101 Datasheet
31Kb / 1P
   CDRH62B SMD POWER INDUCTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com