Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDRH73NP-68OMB Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRH73NP-68OMB
Description  CDRH73
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH73NP-68OMB Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH73NP-68OMB Datasheet HTML 1Page - Sumida Corporation CDRH73NP-68OMB Datasheet HTML 2Page - Sumida Corporation CDRH73NP-68OMB Datasheet HTML 3Page - Sumida Corporation CDRH73NP-68OMB Datasheet HTML 4Page - Sumida Corporation CDRH73NP-68OMB Datasheet HTML 5Page - Sumida Corporation CDRH73NP-68OMB Datasheet HTML 6Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
仕 様 書
CDRH73
2-2.電気的特性Ⅰ(リール梱包の場合)
NO.
表 示
インダクタンス
[以内]
※1
D.C.R.
(Ω)[以下]
(at 20℃)
※2
定格電流
(A)
※3
スミダ
コード
01
02
CDRH73NP-1
ØØMC
CDRH73NP-12
ØMC
100
120
10μH ± 20%
12μH ± 20%
72m (55m)
98m (75m)
1.68
1.52
4733-0154
4733-0155
03
04
CDRH73NP-15
ØMC
CDRH73NP-18
ØMC
150
180
15μH ± 20%
18μH ± 20%
0.13 (96m)
0.14 (0.11)
1.33
1.20
4733-0156
4733-0157
05
06
CDRH73NP-22
ØMC
CDRH73NP-27
ØMC
220
270
22μH ± 20%
27μH ± 20%
0.19 (0.15)
0.21 (0.16)
1.07
0.96
4733-0158
4733-0159
07
08
CDRH73NP-33
ØMC
CDRH73NP-39
ØMC
330
390
33μH ± 20%
39μH ± 20%
0.24 (0.18)
0.32 (0.25)
0.91
0.77
4733-0160
4733-0161
09
10
CDRH73NP-47
ØMC
CDRH73NP-56
ØMC
470
560
47μH ± 20%
56μH ± 20%
0.36 (0.28)
0.47 (0.36)
0.76
0.68
4733-0163
4733-0164
11
12
CDRH73NP-68
ØMC
CDRH73NP-82
ØMC
680
820
68μH ± 20%
82μH ± 20%
0.52 (0.40)
0.69 (0.53)
0.61
0.57
4733-0165
4733-0166
13
14
CDRH73NP-1
Ø1MC
CDRH73NP-121MC
101
121
100μH ± 20%
120μH ± 20%
0.79 (0.61)
0.89 (0.69)
0.50
0.49
4733-0167
4733-0168
15
16
CDRH73NP-151MC
CDRH73NP-181MC
151
181
150μH ± 20%
180μH ± 20%
1.27 (1.02)
1.45 (1.16)
0.43
0.39
4733-0169
4733-0170
17
18
CDRH73NP-221MC
CDRH73NP-271MC
221
271
220μH ± 20%
270μH ± 20%
1.65 (1.32)
2.31 (1.85)
0.35
0.32
4733-0171
4733-0172
19
20
CDRH73NP-331MC
CDRH73NP-391MC
331
391
330μH ± 20%
390μH ± 20%
2.62 (2.10)
2.94 (2.35)
0.28
0.26
4733-0174
4733-0175
21
22
CDRH73NP-471MC
CDRH73NP-561MC
471
561
470μH ± 20%
560μH ± 20%
4.18 (3.35)
4.67 (3.73)
0.24
0.22
4733-0176
4733-0177
23
24
CDRH73NP-681MC
CDRH73NP-821MC
681
821
680μH ± 20%
820μH ± 20%
5.73 (4.58)
6.54 (5.23)
0.19
0.18
4733-0178
4733-0179
25
CDRH73NP-1
Ø2MC
102
1.0 mH ± 20%
9.44 (7.55)
0.16
4733-0180


Similar Part No. - CDRH73NP-68OMB

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH73NP-680MC-B SUMIDA-CDRH73NP-680MC-B Datasheet
266Kb / 5P
   SMD Power Inductor
CDRH73NP-681MC-B SUMIDA-CDRH73NP-681MC-B Datasheet
266Kb / 5P
   SMD Power Inductor
More results

Similar Description - CDRH73NP-68OMB

ManufacturerPart #DatasheetDescription
logo
AIT Components Ltd.
CDRH73 AITCOMPONENTS-CDRH73 Datasheet
34Kb / 1P
   CDRH73 SMD POWER INDUCTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com