Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4706-T004 Datasheet(PDF) 1 Page - Sumida Corporation

Part # 4706-T004
Description  CEE125C
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

4706-T004 Datasheet(HTML) 1 Page - Sumida Corporation

  4706-T004 Datasheet HTML 1Page - Sumida Corporation 4706-T004 Datasheet HTML 2Page - Sumida Corporation 4706-T004 Datasheet HTML 3Page - Sumida Corporation 4706-T004 Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
compliance
Cd:Max.0.01wt%
others:Max.0.1wt%
RoHS
SPECIFICATION
TYPE
CEE125C
1.APPEARANCE
1-1.DIMENSIONS(mm)
* DIMENSIONS WITHOUT TOLERANCE ARE APPROX.
1-2.STAMP(E.G.)
1-3.RECOMMENDED DIMENSIONS
(mm)
2.COIL SPECIFICATION
2-1.CONNECTION (BOTTOM VIEW)
“S”IS WINDING START.
LAND
SOLDER RESIST
7.8
13.4
DATE CODE
WHITE
S
8.2
1.9
12.0±0.4
5.7±0.3


Similar Part No. - 4706-T004

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
4706-3P909 MOLEX1-4706-3P909 Datasheet
145Kb / 3P
   Board-In Crimp Terminal, Series 4706, Male, Tin (Sn) Plated Brass Contact, 16-18 AWG, 11.20mm (.440
4706-P909 MOLEX1-4706-P909 Datasheet
145Kb / 3P
   Board-In Crimp Terminal, Series 4706, Male, Tin (Sn) Plated Brass Contact, 16-18 AWG, 11.20mm (.440
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com