Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4706-T004 Datasheet(PDF) 2 Page - Sumida Corporation

Part # 4706-T004
Description  CEE125C
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

4706-T004 Datasheet(HTML) 2 Page - Sumida Corporation

  4706-T004 Datasheet HTML 1Page - Sumida Corporation 4706-T004 Datasheet HTML 2Page - Sumida Corporation 4706-T004 Datasheet HTML 3Page - Sumida Corporation 4706-T004 Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SPECIFICATION
TYPE
CEE125C
2-2.ELECTRICAL CHARACTERISTICS Ⅰ (IN THE CASE OF REEL)
NO.
SAMPLE NO.
PART NAME.
STAMP
INDUCTANCE
[WITHIN]
※1
D.C.R.
(mΩ)
[MAX.]
(at 20℃)
(TYP.)
RATED
CURRENT
(A)
※2
SUMIDA
CODE
01
4706-T004
CEE125CNP-ØR8MC
0R8M
0.8μH ± 20%
2.8(2.28)
13.0
4706-0006
02
4706-T005
CEE125CNP-1R4MC
1R4M
1.4μH ± 20%
3.5(2.82)
12.0
4706-0007
03
4706-T001
CEE125CNP-2R1MC
2R1M
2.1μH ± 20%
3.9(3.25)
10.0
4706-0008
2-3.ELECTRICAL CHARACTERISTICS Ⅱ (IN THE CASE OF BOX)
NO.
SAMPLE NO.
PART NAME.
STAMP
INDUCTANCE
[WITHIN]
※1
D.C.R.
(mΩ)
[MAX.]
(at 20℃)
(TYP.)
RATED
CURRENT
(A)
※2
SUMIDA
CODE
04
4706-T004
CEE125CNP-ØR8MB
0R8M
0.8μH ± 20%
2.8(2.28)
13.0
4706-0009
05
4706-T005
CEE125CNP-1R4MB
1R4M
1.4μH ± 20%
3.5(2.82)
12.0
4706-0010
06
4706-T001
CEE125CNP-2R1MB
2R1M
2.1μH ± 20%
3.9(3.25)
10.0
4706-0011
※1: MEASURED AT FREQUENCY OF 100kHz
※2: THIS INDICATES THE VALUE OF CURRENT WHEN THE INDUCTANCE IS 75% OR MORE OF ITS NOMINAL
VALUE AND TEMPERATURE RISING △T=40℃ LOWER (Ta=20℃) AT D.C. SUPERPOSITION.
3.STORAGE TEMPERATURE
: -40℃∼+100℃
OPERATING TEMPERATURE : -40℃∼+100℃
(INCLUDING SELF-TEMPERATURE RISE)


Similar Part No. - 4706-T004

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
4706-3P909 MOLEX1-4706-3P909 Datasheet
145Kb / 3P
   Board-In Crimp Terminal, Series 4706, Male, Tin (Sn) Plated Brass Contact, 16-18 AWG, 11.20mm (.440
4706-P909 MOLEX1-4706-P909 Datasheet
145Kb / 3P
   Board-In Crimp Terminal, Series 4706, Male, Tin (Sn) Plated Brass Contact, 16-18 AWG, 11.20mm (.440
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com