Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTM50DAM17 Datasheet(PDF) 3 Page - Advanced Power Technology

Part # APTM50DAM17
Description  Boost chopper MOSFET Power Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTM50DAM17 Datasheet(HTML) 3 Page - Advanced Power Technology

  APTM50DAM17 Datasheet HTML 1Page - Advanced Power Technology APTM50DAM17 Datasheet HTML 2Page - Advanced Power Technology APTM50DAM17 Datasheet HTML 3Page - Advanced Power Technology APTM50DAM17 Datasheet HTML 4Page - Advanced Power Technology APTM50DAM17 Datasheet HTML 5Page - Advanced Power Technology APTM50DAM17 Datasheet HTML 6Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
APTM50DAM17
APT website – http://www.advancedpower.com
3 – 6
Thermal and package characteristics
Symbol Characteristic
Min
Typ
Max
Unit
Transistor
0.1
RthJC
Junction to Case
Diode
0.32
°C/W
VISOL
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
2500
V
TJ
Operating junction temperature range
-40
150
TSTG
Storage Temperature Range
-40
125
TC
Operating Case Temperature
-40
100
°C
To heatsink
M6
3
5
Torque Mounting torque
For terminals
M5
2
3.5
N.m
Wt
Package Weight
280
g
Package outline


Similar Part No. - APTM50DAM17

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTM50DAM17G MICROSEMI-APTM50DAM17G Datasheet
273Kb / 6P
   Boost chopper MOSFET Power Module
More results

Similar Description - APTM50DAM17

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTM100DAM90G MICROSEMI-APTM100DAM90G Datasheet
272Kb / 6P
   Boost chopper MOSFET Power Module
APTM120DA15G MICROSEMI-APTM120DA15G Datasheet
271Kb / 6P
   Boost chopper MOSFET Power Module
APTM50DAM35TG MICROSEMI-APTM50DAM35TG Datasheet
286Kb / 6P
   Boost Chopper MOSFET Power Module
logo
Advanced Power Technolo...
APTM10DAM05T ADPOW-APTM10DAM05T Datasheet
308Kb / 6P
   Boost chopper MOSFET Power Module
APTM20DAM08TG ADPOW-APTM20DAM08TG Datasheet
309Kb / 6P
   Boost chopper MOSFET Power Module
logo
Microsemi Corporation
APTM20DAM04G MICROSEMI-APTM20DAM04G Datasheet
272Kb / 6P
   Boost chopper MOSFET Power Module
logo
Advanced Power Technolo...
APTM20DAM04 ADPOW-APTM20DAM04 Datasheet
285Kb / 6P
   Boost chopper MOSFET Power Module
logo
Microsemi Corporation
APTM20DAM08TG MICROSEMI-APTM20DAM08TG Datasheet
289Kb / 6P
   Boost chopper MOSFET Power Module
APTM100DA33T1G MICROSEMI-APTM100DA33T1G Datasheet
151Kb / 5P
   Boost chopper MOSFET Power Module
APTM100DA40T1G MICROSEMI-APTM100DA40T1G Datasheet
151Kb / 5P
   Boost chopper MOSFET Power Module
logo
Advanced Power Technolo...
APTM20DAM10T ADPOW-APTM20DAM10T Datasheet
301Kb / 6P
   Boost chopper MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com