Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTM50DHM38 Datasheet(PDF) 5 Page - Advanced Power Technology

Part # APTM50DHM38
Description  Asymmetrical - Bridge MOSFET Power Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTM50DHM38 Datasheet(HTML) 5 Page - Advanced Power Technology

  APTM50DHM38 Datasheet HTML 1Page - Advanced Power Technology APTM50DHM38 Datasheet HTML 2Page - Advanced Power Technology APTM50DHM38 Datasheet HTML 3Page - Advanced Power Technology APTM50DHM38 Datasheet HTML 4Page - Advanced Power Technology APTM50DHM38 Datasheet HTML 5Page - Advanced Power Technology APTM50DHM38 Datasheet HTML 6Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
APTM50DHM38
APT website – http://www.advancedpower.com
5 – 6
0.7
0.8
0.9
1.0
1.1
1.2
-50 -25
0
25 50 75 100 125 150
TJ, Junction Temperature (°C)
Breakdown Voltage vs Temperature
ON resistance vs Temperature
0.0
0.5
1.0
1.5
2.0
2.5
-50 -25
0
25 50 75 100 125 150
TJ, Junction Temperature (°C)
VGS=10V
ID=45A
Threshold Voltage vs Temperature
0.6
0.7
0.8
0.9
1.0
1.1
1.2
-50 -25
0
25 50 75 100 125 150
TC, Case Temperature (°C)
limited by RDSon
Maximum Safe Operating Area
100ms
10ms
1ms
100µs
1
10
100
1000
1
10
100
1000
VDS, Drain to Source Voltage (V)
limited by RDSon
Single pulse
TJ=150°C
Ciss
Crss
Coss
10
100
1000
10000
100000
0
10
20304050
VDS, Drain to Source Voltage (V)
Capacitance vs Drain to Source Voltage
VCE=100V
VCE=250V
VCE=400V
0
2
4
6
8
10
12
14
0
40
80 120 160 200 240 280 320
Gate Charge (nC)
Gate Charge vs Gate to Source Voltage
ID=90A
TJ=25°C


Similar Part No. - APTM50DHM38

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTM50DHM38G MICROSEMI-APTM50DHM38G Datasheet
279Kb / 6P
   Asymmetrical - bridge MOSFET Power Module
More results

Similar Description - APTM50DHM38

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTM10DHM05 ADPOW-APTM10DHM05 Datasheet
302Kb / 6P
   Asymmetrical - Bridge MOSFET Power Module
APTM10DHM09T ADPOW-APTM10DHM09T Datasheet
310Kb / 6P
   Asymmetrical - Bridge MOSFET Power Module
logo
Microsemi Corporation
APTM50DHM38G MICROSEMI-APTM50DHM38G Datasheet
279Kb / 6P
   Asymmetrical - bridge MOSFET Power Module
APTM50DHM65T3G MICROSEMI-APTM50DHM65T3G Datasheet
199Kb / 5P
   Asymmetrical - Bridge MOSFET Power Module
APTM20DHM10G MICROSEMI-APTM20DHM10G Datasheet
279Kb / 6P
   Asymmetrical - bridge MOSFET Power Module
APTM20DHM16TG MICROSEMI-APTM20DHM16TG Datasheet
284Kb / 6P
   Asymmetrical - Bridge MOSFET Power Module
APTM20DHM20TG MICROSEMI-APTM20DHM20TG Datasheet
290Kb / 6P
   Asymmetrical - Bridge MOSFET Power Module
APTM50DHM35G MICROSEMI-APTM50DHM35G Datasheet
279Kb / 6P
   Asymmetrical - bridge MOSFET Power Module
logo
Advanced Power Technolo...
APTM20DHM08 ADPOW-APTM20DHM08 Datasheet
290Kb / 6P
   Asymmetrical - Bridge MOSFET Power Module
APTM20DHM16T ADPOW-APTM20DHM16T Datasheet
296Kb / 6P
   Asymmetrical - Bridge MOSFET Power Module
APTM20DHM20T ADPOW-APTM20DHM20T Datasheet
302Kb / 6P
   Asymmetrical - Bridge MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com