Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDRH104NP-270MC Datasheet(PDF) 1 Page - Sumida Corporation

Part # CDRH104NP-270MC
Description  POWER INDUCTORS (SMD Type)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH104NP-270MC Datasheet(HTML) 1 Page - Sumida Corporation

  CDRH104NP-270MC Datasheet HTML 1Page - Sumida Corporation CDRH104NP-270MC Datasheet HTML 2Page - Sumida Corporation CDRH104NP-270MC Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Power Inductors <SMD Type: CDRH Series>
Type: CDRH104R , CDRH104
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/3
◆ Product Description
・10.1×9.2mm Max.(L×W), 5.0mm Max. Height. (CDRH104)
・10.5×10.3mm Max.(L×W), 4.0mm Max. Height. (CDRH104R)
・Inductance range:10~470μH(CDRH104); 1.5~330μH(CDRH104R).
・Rated current range:0.36~2.4A(CDRH104); 0.52~6.5A(CDRH104R).
・In addition to the standards versions shown here, custom inductors are also available
to meet your exact requirements.
◆ Feature
・Magnetically shielded construction.
・Ideally used in Notebook PC, LCD TV,DVD, Game machine, STB ,Projector etc as
DC-DC Converter inductors.
・RoHS Compliance
◆ Dimensions (mm)
CDRH104
CDRH104R
3.0±0.1
3.8±0.2
10.0±0.3
Electrode
1
2
Electrode terminal
2.0±0.2
Max.5.0
0.2
8.9±0.3


Similar Part No. - CDRH104NP-270MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH104NP-270MC SUMIDA-CDRH104NP-270MC Datasheet
81Kb / 6P
   CDRH104
More results

Similar Description - CDRH104NP-270MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDEP105 SUMIDA-CDEP105 Datasheet
253Kb / 1P
   POWER INDUCTORS (SMD Type)
CDEP134 SUMIDA-CDEP134 Datasheet
249Kb / 1P
   POWER INDUCTORS (SMD Type)
CDRH4D14 SUMIDA-CDRH4D14 Datasheet
118Kb / 2P
   POWER INDUCTORS
CDRH4D22 SUMIDA-CDRH4D22 Datasheet
238Kb / 1P
   POWER INDUCTORS (SMD Type)
CDRH8D38 SUMIDA-CDRH8D38 Datasheet
235Kb / 1P
   POWER INDUCTORS (SMD Type)
CDRH124 SUMIDA-CDRH124 Datasheet
306Kb / 1P
   POWER INDUCTORS (SMD Type)
CLS4D09 SUMIDA-CLS4D09 Datasheet
240Kb / 1P
   POWER INDUCTORS (SMD Type)
CMD5D11 SUMIDA-CMD5D11 Datasheet
117Kb / 2P
   POWER INDUCTORS
CR10D37 SUMIDA-CR10D37 Datasheet
113Kb / 2P
   POWER INDUCTORS
CDEP145 SUMIDA-CDEP145 Datasheet
113Kb / 2P
   POWER INDUCTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com