Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDRH104NP-270MC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRH104NP-270MC
Description  POWER INDUCTORS (SMD Type)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH104NP-270MC Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH104NP-270MC Datasheet HTML 1Page - Sumida Corporation CDRH104NP-270MC Datasheet HTML 2Page - Sumida Corporation CDRH104NP-270MC Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Power Inductors <SMD Type: CDRH Series>
Type: CDRH104R , CDRH104
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/3
◆ Land Pattern (mm)
CDRH104
CDRH104R
◆ Specification(CDRH104)
Part Name
Stamp
Inductance
[Within]
1kHz/1V
D.C.R.(Ω)
Max.(Typ.)
(at 20℃)
Rated
Current
(A) ※2
CDRH1Ø4NP-1ØØM□
CDRH1Ø4NP-12ØM□
100
120
10μH±20%
12μH±20%
50m(37m)
54m(40m)
2.40
2.25
CDRH1Ø4NP-15ØM□
CDRH1Ø4NP-18ØM□
150
180
15μH±20%
18μH±20%
61m(45m)
84m(63m)
2.00
1.80
CDRH1Ø4NP-22ØM□
CDRH1Ø4NP-27ØM□
220
270
22μH±20%
27μH±20%
94m(69m)
0.11(82m)
1.65
1.45
CDRH1Ø4NP-33ØM□
CDRH1Ø4NP-39ØM□
330
390
33μH±20%
39μH±20%
0.15(0.11)
0.17(0.13)
1.35
1.20
CDRH1Ø4NP-47ØM□
CDRH1Ø4NP-56ØM□
470
560
47μH±20%
56μH±20%
0.21(0.15)
0.23(0.17)
1.10
1.00
CDRH1Ø4NP-68ØM□
CDRH1Ø4NP-82ØM□
680
820
68μH±20%
82μH±20%
0.26(0.20)
0.36(0.27)
0.93
0.84
CDRH1Ø4NP-1Ø1M□
CDRH1Ø4NP-121M□
101
121
100μH±20%
120μH±20%
0.41(0.30)
0.45(0.34)
0.76
0.70
CDRH1Ø4NP-151M□
CDRH1Ø4NP-181M□
151
181
150μH±20%
180μH±20%
0.64(0.47)
0.84(0.62)
0.63
0.57
CDRH1Ø4NP-221M□
CDRH1Ø4NP-271M□
221
271
220μH±20%
270μH±20%
0.96(0.71)
1.07(0.79)
0.52
0.47
CDRH1Ø4NP-331M□
CDRH1Ø4NP-391M□
331
391
330μH±20%
390μH±20%
1.37(1.05)
1.55(1.19)
0.43
0.39
CDRH1Ø4NP-471M□
471
470μH±20%
1.74(1.34)
0.36
※ Rated current: The DC current at which the inductance decreases to 75% of it's nominal value
or when △t=40℃, whichever is lower(Ta=20℃).
Dimension of CDRH104
Part of silk screen
2.4
3.2


Similar Part No. - CDRH104NP-270MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH104NP-270MC SUMIDA-CDRH104NP-270MC Datasheet
81Kb / 6P
   CDRH104
More results

Similar Description - CDRH104NP-270MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDEP105 SUMIDA-CDEP105 Datasheet
253Kb / 1P
   POWER INDUCTORS (SMD Type)
CDEP134 SUMIDA-CDEP134 Datasheet
249Kb / 1P
   POWER INDUCTORS (SMD Type)
CDRH4D14 SUMIDA-CDRH4D14 Datasheet
118Kb / 2P
   POWER INDUCTORS
CDRH4D22 SUMIDA-CDRH4D22 Datasheet
238Kb / 1P
   POWER INDUCTORS (SMD Type)
CDRH8D38 SUMIDA-CDRH8D38 Datasheet
235Kb / 1P
   POWER INDUCTORS (SMD Type)
CDRH124 SUMIDA-CDRH124 Datasheet
306Kb / 1P
   POWER INDUCTORS (SMD Type)
CLS4D09 SUMIDA-CLS4D09 Datasheet
240Kb / 1P
   POWER INDUCTORS (SMD Type)
CMD5D11 SUMIDA-CMD5D11 Datasheet
117Kb / 2P
   POWER INDUCTORS
CR10D37 SUMIDA-CR10D37 Datasheet
113Kb / 2P
   POWER INDUCTORS
CDEP145 SUMIDA-CDEP145 Datasheet
113Kb / 2P
   POWER INDUCTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com