Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDRR94NP-680MB Datasheet(PDF) 1 Page - Sumida Corporation

Part # CDRR94NP-680MB
Description  Power Inductor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRR94NP-680MB Datasheet(HTML) 1 Page - Sumida Corporation

  CDRR94NP-680MB Datasheet HTML 1Page - Sumida Corporation CDRR94NP-680MB Datasheet HTML 2Page - Sumida Corporation CDRR94NP-680MB Datasheet HTML 3Page - Sumida Corporation CDRR94NP-680MB Datasheet HTML 4Page - Sumida Corporation CDRR94NP-680MB Datasheet HTML 5Page - Sumida Corporation CDRR94NP-680MB Datasheet HTML 6Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
仕 様 書
CDRR94
1.外形
1-1.寸法圖(mm)
* 公差のない寸法は参考値とする。
1-2.捺印表示例
1-3. 推奨ランド寸法(mm)
2.コイル仕様
2-1.端子接續圖(裏面圖)
捺 印・製 造密番
頭 部直捺印
捺印位置 不定
3.0
3.0
7.1
MAX.12.9
M AX.5.0
7.4
compliance
Cd:Max.0.01wt%
others:Max.0.1wt%
RoHS
1


Similar Part No. - CDRR94NP-680MB

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRR94NP-680MC SUMIDA-CDRR94NP-680MC Datasheet
308Kb / 4P
   SMD Power Inductor
More results

Similar Description - CDRR94NP-680MB

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
   Chip Inductor Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
XFMRS Inc.
XFRCR875D-102M XFMRS-XFRCR875D-102M_15 Datasheet
59Kb / 1P
   Power Inductor
XFHCL2-1R8M XFMRS-XFHCL2-1R8M Datasheet
37Kb / 1P
   Power Inductor
XFRCH654-102M XFMRS-XFRCH654-102M Datasheet
59Kb / 1P
   Power Inductor
XFRCRH875-100M XFMRS-XFRCRH875-100M Datasheet
59Kb / 1P
   Power Inductor
XFRCR110D-102M XFMRS-XFRCR110D-102M_15 Datasheet
58Kb / 1P
   Power Inductor
9XFXXX6-S3P XFMRS-9XFXXX6-S3P Datasheet
49Kb / 1P
   POWER INDUCTOR
XFHCL2-1R6M XFMRS-XFHCL2-1R6M Datasheet
60Kb / 1P
   POWER INDUCTOR
XFRLH875-101M XFMRS-XFRLH875-101M Datasheet
32Kb / 1P
   POWER INDUCTOR
XFRCRH875-100M XFMRS-XFRCRH875-100M_15 Datasheet
59Kb / 1P
   Power Inductor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com