Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB830DC Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # SB830DC
Description  D2PAK SURFACE MOUNTSCHOTTKY BARRIER RECTIFIER(VOLTAGE- 20 to 100 Volts CURRENT - 8.0 Amperes)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SB830DC Datasheet(HTML) 1 Page - Pan Jit International Inc.

  SB830DC Datasheet HTML 1Page - Pan Jit International Inc. SB830DC Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PAGE . 1
Approve Sheet
Approve Sheet
Approve Sheet
Approve Sheet
Approve Sheet P
P
P
P
Par
ar
ar
ar
art N
t N
t N
t N
t Number
umber
umber
umber
umber: SB820DC~SB8
: SB820DC~SB8
: SB820DC~SB8
: SB820DC~SB8
: SB820DC~SB81
1
1
1
100DC
00DC
00DC
00DC
00DC
DATA SHEET
SB820DC~SB8100DC
SB820DC~SB8100DC
SB820DC~SB8100DC
SB820DC~SB8100DC
SB820DC~SB8100DC
D2PAK SURFACE MOUNTSCHOTTKY BARRIER RECTIFIER
VOLTAGE- 20 to 100 Volts CURRENT - 8.0 Amperes
NOTES:
Thermal Resistance to Ambient.
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at Ta=100°C
Peak Forward Surge Current 8.3ms single half
sine-wave superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage
at 4.0A per element
Maximum DC Reverse Current (Note 1) Ta= 25°C
at Rated DC Blocking Voltage
Ta=100°C
Typical thermal Resistance NOTE
Operating and Storage Temperature Range
8.0
75.0
0.55
60.0
-50 to +150
V
V
V
A
A
V
mA
°C/W
UNITS
R
θJA
TJ
°C
SB820DC
TO-263 / D PAK
2
Unit: inch ( mm )
0.409(10.4)
0.387(9.8)
0.055(1.4)
0.047(1.2)
0.189(4.8)
0.137(4.4)
0.055(1.4)
0.039(1.0)
0.108(2.75)
0.092(2.35)
0.026(0.7)
0.011(0.3)
0.236(6.0)
0.197(5.0)
0.108(2.75)
0.092(2.35)
+ 0.012(+ 0.3)
- 0.012(- 0.3)
0.035 (0.9 MAX)
AC
AC
4
3
2
1
4
3
2
1
20
14
20
SB830DC
30
21
30
SB840DC
40
28
40
SB850DC
50
35
50
SB860DC
60
42
60
0.5
50.0
SB880DC
80
56
80
SB8100DC
100
70
100
0.75
0.85
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O .
Flame Retardant Epoxy Molding Compound.
• Exceeds environmental standards of
MIL-S-19500/228.
• Low power loss,high efficiency.
• Low leakage current, high current capability.
• High surge capacity.
• For use in low voltage, high frequency inverters
free wheeling, and polarlity protection applications.
MECHANICAL DATA
Case: D2 PAK/TO-263 molded plastic
Terminals:Solder plated, solderable per MIL-STD-202, Method 208
Polarity: As marked.
Standard packaging: Any
Weight: 0.06 ounces, 1.7 grams.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
Single phase , half wave ,60Hz, resistive or inductive load.
For capacitive load , derate current by 20%.


Similar Part No. - SB830DC

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SB830DC WTE-SB830DC Datasheet
49Kb / 4P
   8.0A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB830DC PANJIT-SB830DC Datasheet
1Mb / 2P
   D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SB830DC PANJIT-SB830DC Datasheet
128Kb / 3P
   D2PAK SURFACE MOUNTSCHOTTKY BARRIER RECTIFIER
logo
Won-Top Electronics
SB830DC-T3 WTE-SB830DC-T3 Datasheet
49Kb / 4P
   8.0A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SB830DC

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB820D PANJIT-SB820D Datasheet
56Kb / 2P
   D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 8.0 Amperes)
SD820T PANJIT-SD820T Datasheet
43Kb / 2P
   SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 8.0 Amperes)
SB1620DC PANJIT-SB1620DC Datasheet
56Kb / 2P
   D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 16.0 Amperes)
SB820 PANJIT-SB820_16 Datasheet
148Kb / 4P
   D2PAK SURFACE MOUNTSCHOTTKY BARRIER RECTIFIER
MBR840D PANJIT-MBR840D Datasheet
124Kb / 3P
   D2PAK SURFACE MOUNTSCHOTTKY BARRIER RECTIFIER
MBR840DC PANJIT-MBR840DC Datasheet
126Kb / 3P
   D2PAK SURFACE MOUNTSCHOTTKY BARRIER RECTIFIER
SB820DC PANJIT-SB820DC_09 Datasheet
128Kb / 3P
   D2PAK SURFACE MOUNTSCHOTTKY BARRIER RECTIFIER
MBR840D PANJIT-MBR840D_12 Datasheet
125Kb / 5P
   D2PAK SURFACE MOUNTSCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
SR820S RECTRON-SR820S Datasheet
24Kb / 2P
   SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 8.0 Amperes)
logo
Pan Jit International I...
SB820DC PANJIT-SB820DC_16 Datasheet
128Kb / 3P
   D2PAK SURFACE MOUNTSCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com