Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTM50UM19S Datasheet(PDF) 2 Page - Advanced Power Technology

Part # APTM50UM19S
Description  Single switch Series & parallel diodes MOSFET Power Module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTM50UM19S Datasheet(HTML) 2 Page - Advanced Power Technology

  APTM50UM19S Datasheet HTML 1Page - Advanced Power Technology APTM50UM19S Datasheet HTML 2Page - Advanced Power Technology APTM50UM19S Datasheet HTML 3Page - Advanced Power Technology APTM50UM19S Datasheet HTML 4Page - Advanced Power Technology APTM50UM19S Datasheet HTML 5Page - Advanced Power Technology APTM50UM19S Datasheet HTML 6Page - Advanced Power Technology APTM50UM19S Datasheet HTML 7Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
APTM50UM19S
APT website – http://www.advancedpower.com
2 – 7
All ratings @ Tj = 25°C unless otherwise specified
Electrical Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
BVDSS
Drain - Source Breakdown Voltage
VGS = 0V, ID = 500µA
500
V
VGS = 0V,VDS= 500V
Tj = 25°C
200
IDSS
Zero Gate Voltage Drain Current
VGS = 0V,VDS= 400V
Tj = 125°C
1000
µA
RDS(on)
Drain – Source on Resistance
VGS = 10V, ID = 81.5A
19
m
W
VGS(th)
Gate Threshold Voltage
VGS = VDS, ID = 10mA
3
5
V
IGSS
Gate – Source Leakage Current
VGS = ±30 V, VDS = 0V
±200
nA
Dynamic Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
Ciss
Input Capacitance
22.4
Coss
Output Capacitance
4.8
Crss
Reverse Transfer Capacitance
VGS = 0V
VDS = 25V
f = 1MHz
0.36
nF
Qg
Total gate Charge
492
Qgs
Gate – Source Charge
132
Qgd
Gate – Drain Charge
VGS = 10V
VBus = 250V
ID = 163A
260
nC
Td(on)
Turn-on Delay Time
18
Tr
Rise Time
35
Td(off)
Turn-off Delay Time
87
Tf
Fall Time
Inductive switching @ 125°C
VGS = 15V
VBus = 333V
ID = 163A
RG = 1
W
77
ns
Eon
Turn-on Switching Energy
u
3020
Eoff
Turn-off Switching Energy
v
Inductive switching @ 25°C
VGS = 15V, VBus = 333V
ID = 163A, RG = 1Ω
2904
µJ
Eon
Turn-on Switching Energy
u
4964
Eoff
Turn-off Switching Energy
v
Inductive switching @ 125°C
VGS = 15V, VBus = 333V
ID = 163A, RG = 1Ω
3384
µJ
u Eon includes diode reverse recovery.
v In accordance with JEDEC standard JESD24-1.
Series diode ratings and characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
IF(AV)
Maximum Average Forward Current
50% duty cycle
Tc = 85°C
120
A
IF = 120A
1.1
1.15
IF = 240A
1.4
VF
Diode Forward Voltage
IF = 120A
Tj = 125°C
0.9
V
Tj = 25°C
31
trr
Reverse Recovery Time
IF = 120A
VR = 133V
di/dt = 400A/µs
Tj = 125°C
60
ns
Tj = 25°C
120
Qrr
Reverse Recovery Charge
IF = 120A
VR = 133V
di/dt = 400A/µs
Tj = 125°C
500
nC


Similar Part No. - APTM50UM19S

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTM50UM13S-ALN ADPOW-APTM50UM13S-ALN Datasheet
301Kb / 6P
   Single switch Series & parallel diodes MOSFET Power Module
logo
Microsemi Corporation
APTM50UM13SAG MICROSEMI-APTM50UM13SAG Datasheet
270Kb / 7P
   Single switch Series & parallel diodes MOSFET Power Module
More results

Similar Description - APTM50UM19S

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTM20UM05S ADPOW-APTM20UM05S Datasheet
287Kb / 7P
   Single switch Series & parallel diodes MOSFET Power Module
APTM50UM25S ADPOW-APTM50UM25S Datasheet
284Kb / 6P
   Single switch Series & parallel diodes MOSFET Power Module
APTM120U10SA ADPOW-APTM120U10SA Datasheet
294Kb / 6P
   Single switch Series & parallel diodes MOSFET Power Module
APTM100UM65S-ALN ADPOW-APTM100UM65S-ALN Datasheet
311Kb / 6P
   Single switch Series & parallel diodes MOSFET Power Module
logo
Microsemi Corporation
APTM100UM65SAG MICROSEMI-APTM100UM65SAG Datasheet
278Kb / 6P
   Single switch Series & parallel diodes MOSFET Power Module
logo
Advanced Power Technolo...
APTM20UM09S ADPOW-APTM20UM09S Datasheet
285Kb / 7P
   Single switch Series & parallel diodes MOSFET Power Module
APTM50UM13S-ALN ADPOW-APTM50UM13S-ALN Datasheet
301Kb / 6P
   Single switch Series & parallel diodes MOSFET Power Module
APTM20UM04S-ALN ADPOW-APTM20UM04S-ALN Datasheet
302Kb / 6P
   Single switch Series & parallel diodes MOSFET Power Module
logo
Microsemi Corporation
APTM50UM13SAG MICROSEMI-APTM50UM13SAG Datasheet
270Kb / 7P
   Single switch Series & parallel diodes MOSFET Power Module
logo
Advanced Power Technolo...
APTM100U13S ADPOW-APTM100U13S Datasheet
286Kb / 5P
   Single switch Series & parallel diodes MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com