Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD103BWS Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # SD103BWS
Description  SURFACE MOUNT SCHOTTKY BARRIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SD103BWS Datasheet(HTML) 1 Page - Pan Jit International Inc.

  SD103BWS Datasheet HTML 1Page - Pan Jit International Inc. SD103BWS Datasheet HTML 2Page - Pan Jit International Inc. SD103BWS Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Part Number: SD103AWS, SD103BWS, SD103CWS
PAGE 1
SD103AWS, SD103BWS, SD103CWS
SURFACE MOUNT SCHOTTKY BARRIER
VOLTAGE
20 - 40 Volts
0.35 Ampers
FEATURES
• Low turn-on voltage
• Fast switching
• PN Junction Guard Ring for Transient and ESD Protection.
MECHANICAL DATA
Case: SOD-323, Plastic
Terminals: Solderable per MIL-STD-202, Method 208
Approx. Weight: 0.008 gram
Marking: S6, S7, S8
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25OC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
PACKAGE
SOD-323
CURRENT
r
e
t
e
m
a
r
a
P
l
o
b
m
y
S
S
W
A
3
0
1
D
S
S
W
B
3
0
1
D
S
S
W
C
3
0
1
D
S
s
t
i
n
U
e
g
a
t
l
o
V
e
s
r
e
v
e
R
e
v
i
t
i
t
e
p
e
R
k
a
e
P
VRRM
0
40
30
2V
5
2
=
a
T
t
a
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
a
r
e
v
A
m
u
m
i
x
a
M
OC
IO
5
3
.
0
5
3
.
0
5
3
.
0
A
f
l
a
h
e
l
g
n
i
s
s
m
3
.
8
,
t
n
e
r
r
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P
)
d
o
h
t
e
m
C
E
D
E
J
(
d
a
o
l
d
e
t
a
r
n
o
d
e
s
o
p
m
i
r
e
p
u
s
e
v
a
w
-
e
n
i
s
IFSM
0
.
20
.
20
.
2A
e
g
a
t
l
o
V
d
r
a
w
r
o
F
s
u
o
e
n
a
t
n
a
t
s
n
I
m
u
m
i
x
a
M
VF
I
@
7
3
.
0
F
=A
2
0
.
0
I
@
6
.
0
F
A
2
.
0
=
I
@
7
3
.
0
F
=A
2
0
.
0
I
@
6
.
0
F
=A
2
.
0
I
@
7
3
.
0
F
=A
2
0
0
.
0
I
@
6
.
0
F
=A
2
.
0
V
e
g
a
t
l
o
V
g
n
i
k
c
o
l
B
C
D
d
e
t
a
R
t
a
t
n
e
r
r
u
C
e
s
r
e
v
e
R
C
D
m
u
m
i
x
a
M
IR
V
@
5
0
0
.
0
R
V
0
3
=V
@
5
0
0
.
0
R
V
0
2
=V
@
5
0
0
.
0
R
V
0
1
=
A
m
r
i
A
t
n
e
i
b
m
A
o
t
n
o
i
t
c
n
u
J
,
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
R
θ A
J
5
3
6
O
W
/
C
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J
g
n
i
t
a
r
e
p
O
TJ
5
2
1
+
O
T
5
5
-
OC
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
TSTG
5
2
1
+
O
T
5
5
-
OC


Similar Part No. - SD103BWS

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
SD103BWS YEASHIN-SD103BWS Datasheet
502Kb / 2P
   SCHOTTKY DIODES
logo
Diodes Incorporated
SD103BWS DIODES-SD103BWS Datasheet
62Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30101 Rev. 7 - 2
logo
DAESAN ELECTRONIC CORP.
SD103BWS DAESAN-SD103BWS Datasheet
435Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Jinan Jingheng (Group) ...
SD103BWS JINANJINGHENG-SD103BWS Datasheet
92Kb / 1P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Micro Commercial Compon...
SD103BWS MCC-SD103BWS Datasheet
188Kb / 3P
   400mW Small Signal Schottky Diode 20 to 40 Volts
More results

Similar Description - SD103BWS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT42WS PANJIT-BAT42WS Datasheet
113Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
logo
Taiwan Semiconductor Co...
TSS42U TSC-TSS42U_14 Datasheet
186Kb / 4P
   Surface Mount Schottky Barrier
logo
Pan Jit International I...
BAT54TG PANJIT-BAT54TG_09 Datasheet
111Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT42W PANJIT-BAT42W_16 Datasheet
211Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54 PANJIT-BAT54_16 Datasheet
147Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54FN2 PANJIT-BAT54FN2_16 Datasheet
191Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54FN2-AU PANJIT-BAT54FN2-AU Datasheet
194Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54STB-AU PANJIT-BAT54STB-AU_16 Datasheet
246Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54TB PANJIT-BAT54TB_16 Datasheet
279Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54TM PANJIT-BAT54TM_16 Datasheet
146Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com