Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS3302 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # MS3302
Description  RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS3302 Datasheet(HTML) 2 Page - Advanced Power Technology

  MS3302 Datasheet HTML 1Page - Advanced Power Technology MS3302 Datasheet HTML 2Page - Advanced Power Technology MS3302 Datasheet HTML 3Page - Advanced Power Technology MS3302 Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MS3302
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
ELECTRICAL SPECIFICATIONS (Tcase = 25
ELECTRICAL SPECIFICATIONS (Tcase = 25°°C)
C)
STATIC
STATIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
BVcbo
IC = 1mA
IE = 0mA
45
---
---
V
BVcer
IC = 5mA
RBE = 10
45
---
---
V
BVebo
IE = 1mA
IC = 0mA
3.5
---
---
V
Icbo
VCE = 28V
---
---
0.5
mA
HFE
VCE = 5V
IC = 500mA
30
---
300
---
DYNAMIC
DYNAMIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
POUT
f = 3.0GHz
PIN = 1.59W
VCC = 28V
4.5
---
---
W
GP
f = 3.0GHz
PIN = 1.59W
VCC = 28V
4.5
---
---
dB
η
C
f = 3.0GHz
PIN = 1.59W
VCC = 28V
30
---
---
%
COB
f =1 MHz
VCB =28V
---
---
7.5
pf
IMPEDANCE DATA
IMPEDANCE DATA
FREQ
ZIN(
Ω)
Ω)
ZCL(
Ω)
Ω)
1.0 GHz
1.7 + j7.2
9.5 + j15.5
1.7 GHz
2.0 + j11.2
4.2 + j6.7
2.0 GHz
2.4 + j14.0
3.5 + j2.5
2.3 GHz
3.6 + j17.4
3.1 + j1.2
2.7 GHz
6.0 + j21.0
3.0 – j3.8
3.0 GHz
9.5 + j24.0
3.0 – j7.2
VCC=28V
PIN = 1.6W


Similar Part No. - MS3302

ManufacturerPart #DatasheetDescription
logo
EMP-Centauri s.r.o.
MS3312PIU-6 EMP-CENTAURI-MS3312PIU-6 Datasheet
540Kb / 1P
   Multiswitch 33in / 12out
logo
Coilcraft lnc.
MS336RAA COILCRAFT-MS336RAA Datasheet
193Kb / 2P
   High-Reliability Chip Inductors
MS336RAA020JSZ COILCRAFT-MS336RAA020JSZ Datasheet
193Kb / 2P
   High-Reliability Chip Inductors
MS336RAA030JSZ COILCRAFT-MS336RAA030JSZ Datasheet
193Kb / 2P
   High-Reliability Chip Inductors
MS336RAA050JSZ COILCRAFT-MS336RAA050JSZ Datasheet
193Kb / 2P
   High-Reliability Chip Inductors
More results

Similar Description - MS3302

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MSC82306 STMICROELECTRONICS-MSC82306 Datasheet
54Kb / 4P
   RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
MSC82307 STMICROELECTRONICS-MSC82307 Datasheet
51Kb / 3P
   RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
MSC81002 STMICROELECTRONICS-MSC81002 Datasheet
101Kb / 5P
   RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
MSC81118 STMICROELECTRONICS-MSC81118 Datasheet
102Kb / 5P
   RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
MSC83301 STMICROELECTRONICS-MSC83301 Datasheet
96Kb / 5P
   RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
MSC81005 STMICROELECTRONICS-MSC81005 Datasheet
99Kb / 5P
   RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
MSC81010 STMICROELECTRONICS-MSC81010 Datasheet
101Kb / 5P
   RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
MSC81020 STMICROELECTRONICS-MSC81020 Datasheet
89Kb / 5P
   RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
MSC82003 STMICROELECTRONICS-MSC82003 Datasheet
92Kb / 5P
   RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
MSC82010 STMICROELECTRONICS-MSC82010 Datasheet
87Kb / 5P
   RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com