Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD520S Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # SD520S
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 100 Volts CURRENT - 5 Ampere)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SD520S Datasheet(HTML) 1 Page - Pan Jit International Inc.

  SD520S Datasheet HTML 1Page - Pan Jit International Inc. SD520S Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PAGE . 1
DATE : OCT.10.2002
DATA SHEET
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
• For surface mounted applications
• Low profile package
• Built-in strain relief
• Low power loss, High efficiency
• High surge capacity
• For use in low voltage high frequency inverters, free wheeling, and
polarity protection applications
• High temperature soldering guaranteed:260¢XC/10 seconds at terminals
MECHANICAL DATA
Case: D PAK/TO-252 molded plastic
Terminals: Solder plated, solderable per MIL-STD-750,Method 2026
Polarity: As marking
Standard packaging: 16mm tape (EIA-481)
Weight: 0.015 ounces, 0.4grams.
SD520S~SD5100S
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
VOLTAGE 20 to 100 Volts
CURRENT - 5 Ampere
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current at Tc=75°C
Peak Forward Surge Current,
8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 5.0A (Note 1)
Maximum DC Reverse Current at Tc=25°C
DC Blocking Voltage per element Tc=100°C
Maximum Thermal Resistance (Note 2)
Operating and Storage Temperature Range
Storage Temperature Range
V
V
mA
UNITS
NOTES:
1. Thermal Resistance Junction to Ambient .
V
0.55
0.2
20
TO-252 / DPAK
Unit: inch(mm)
.106(2.7)
.090(2.3)
.09
(2.3)
.09
(2.3)
.032(0.8)
.012(0.3)
.02(.5)
.071(1.8)
.051(1.3)
3
2
1
4
.264(6.7)
.248(6.3)
.216(5.5)
.200(5.1)
.098(2.5)
.082(2.1)
.024(0.6)
.016(0.4)
4
2
3
°C
-55 to +125
80
A
100
V
A
°C/W
5
SD520S
20
14
20
°C
-65 to +150
SD530S
30
21
30
SD540S
40
28
40
SD550S
50
35
50
SD560S
60
42
60
SD580S
80
56
80
SD5100S
100
70
100
0.75
0.85


Similar Part No. - SD520S

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SD520S WTE-SD520S Datasheet
43Kb / 3P
   5.0A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SD520S PANJIT-SD520S Datasheet
42Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Dc Components
SD520S DCCOM-SD520S Datasheet
270Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Pan Jit International I...
SD520S PANJIT-SD520S Datasheet
119Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SD520S-T3 WTE-SD520S-T3 Datasheet
43Kb / 3P
   5.0A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SD520S

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SD520T PANJIT-SD520T Datasheet
39Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 100 Volts CURRENT - 5 Ampere)
SD520YS PANJIT-SD520YS Datasheet
40Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 100 Volts CURRENT - 5 Ampere)
SD520YT PANJIT-SD520YT Datasheet
40Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 100 Volts CURRENT - 5 Ampere)
SD320YS PANJIT-SD320YS Datasheet
40Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 100 Volts CURRENT - 3 Ampere)
SD320S PANJIT-SD320S Datasheet
40Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 100 Volts CURRENT - 3 Ampere)
SD320YT PANJIT-SD320YT Datasheet
40Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 100 Volts CURRENT - 3 Ampere)
SD320T PANJIT-SD320T Datasheet
40Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 100 Volts CURRENT - 3 Ampere)
SD820CT PANJIT-SD820CT Datasheet
39Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 100 Volts CURRENT - 8 Ampere)
SD820CS PANJIT-SD820CS Datasheet
39Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 100 Volts CURRENT - 8 Ampere)
SD820S PANJIT-SD820S Datasheet
39Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 100 Volts CURRENT - 8 Ampere)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com