Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GSX-642 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # GSX-642
Description  SM Crystal ceramic Lid
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

GSX-642 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  GSX-642 Datasheet HTML 1Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
10.000000
12.600000
12.800000
13.000000
14.400000
15.360000
16.000000
16.800000
19.200000
19.440000
19.680000
19.800000
20.000000
20.400000
20.945000
21.250000
24.000000
24.553500
26.000000
27.000000
Tel:
+44 1460 256 100
Fax:
+44 1460 256 101
E-mail:
sales@golledge.com
Web:
www.golledge.com
SM Crystal - Ceramic Lid
GSX-642
15 Aug 2005
ACTUAL SIZE
SOLDER PAD LAYOUTS
2.6
2.1 2.4 2.1
TOP VIEW
1.50
2.00
6.15
(max)
3.65
(max)
1.30
(max)
1.50
TOP VIEW
1.50
3.00
1.9 2.6 1.9
1.4
1.1
1.4
GSX-642A
GSX-642B
12
43
1
4
2
3
Features
« Ceramic body & lid
« Glass seal for best price / performance
« Low cost for volume applications
Standard Frequencies
Product name + variant + option codes + frequency
eg:
GSX-642A/351EF 16.0MHz 30/50/10/18-F
GSX-642B/5C4EF 24.0MHz 50/100/40/18-F
Option code X (eg GSX-642B/X) denotes a custom specification.
Ordering Information
Frequencies in MHz
Scale 2:1
±30ppm temperature stability may not be available over -40+85°C.
Check with our sales office before ordering.
Available on T&R - 1k pcs per reel.
Refer to our website for T&R and soldering details.
Other frequencies available. Please consult our sales office.
Variant
AB
Option
Codes
Parameters
Standard.
Optional - Please specify required code(s) when ordering
Specifications
GSX-642A: 2 pads
GSX-642B: 4 corner pads
Package:
GSX-642A
GSX-642B
Frequency range: 9.60 ~ 50.0MHz
Calibration tolerance:
±30ppm
3
±50ppm
5
Other values (±20ppm ~ ±100ppm)
specify
Temperature stability:
±30ppm
3
±50ppm
5
±100ppm
C
Other values (±20ppm ~ ±100ppm)
specify
Operating temperature range:
-10 to +60°C
1
-20 to +70°C
2
-30 to +80°C
3
-40 to +85°C
4
Other values
specify
Storage temperature range:
-40 to +90°C
Circuit condition:
12pF
B
16pF
D
18pF
E
20pF
F
30pF
J
Other values
specify
Oscillation mode:
Fundamental
F
Static capacitance (C0): 7pF max
Equivalent series resistance (max):
80
(9.60 ~ <10.0MHz)
60
(10.0 ~ <16.0MHz)
50
(16.0 ~ 50.0MHz)
Ageing:
±3ppm max first year
Test drive level:
100µW
Soldering condition:
235°C, 10 sec max


Similar Part No. - GSX-642

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GSX-641 GOLLEDGE-GSX-641 Datasheet
56Kb / 1P
   SM Crystal Metal Lid
GSX-641 GOLLEDGE-GSX-641 Datasheet
565Kb / 4P
   6.2 x 4.7mm SM Crystal
GSX-641111D GOLLEDGE-GSX-641111D Datasheet
56Kb / 1P
   SM Crystal Metal Lid
GSX-641LM1B GOLLEDGE-GSX-641LM1B Datasheet
56Kb / 1P
   SM Crystal Metal Lid
More results

Similar Description - GSX-642

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GSX532 GOLLEDGE-GSX532 Datasheet
57Kb / 1P
   SM Crystal Ceramic Lid
GSX752 GOLLEDGE-GSX752 Datasheet
58Kb / 1P
   SM Crystal Ceramic Lid
GSX852 GOLLEDGE-GSX852 Datasheet
56Kb / 1P
   SM Crystal Ceramic Lid
GSX-751 GOLLEDGE-GSX-751_08 Datasheet
52Kb / 1P
   SM Crystal - Metal Lid
GSX331 GOLLEDGE-GSX331 Datasheet
55Kb / 1P
   SM Crystal Metal Lid
GSX531 GOLLEDGE-GSX531 Datasheet
61Kb / 1P
   SM Crystal Metal Lid
GSX431 GOLLEDGE-GSX431 Datasheet
56Kb / 1P
   SM Crystal Mtal Lid
GSX751 GOLLEDGE-GSX751 Datasheet
58Kb / 1P
   SM Crystal Metal Lid
GSX641 GOLLEDGE-GSX641 Datasheet
56Kb / 1P
   SM Crystal Metal Lid
GSX-531 GOLLEDGE-GSX-531_15 Datasheet
172Kb / 2P
   SM Crystal - Metal Lid
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com