Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCZ100E-11SR-K Datasheet(PDF) 1 Page - YEONHO ELECTRONICS

Part # FCZ100E-11SR-K
Description  1.00mm PITCH CONNECTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEONHO [YEONHO ELECTRONICS]
Direct Link  http://www.yeonho.com
Logo YEONHO - YEONHO ELECTRONICS

FCZ100E-11SR-K Datasheet(HTML) 1 Page - YEONHO ELECTRONICS

  FCZ100E-11SR-K Datasheet HTML 1Page - YEONHO ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.00mm (0.039")PITCHCONNECTOR
I/NO
TITLE
DESCRIPTION
MATERIAL
2
1
PBT, UL 94V Grade
FCZ100E-NNRS-K
TERMINAL
HOUSING
Phosphor Bronze & Tin plated
PARTS NO.
A
C
B
Material
FCZ100E-SSK Series
DIP, NON-ZIF(Vertical Through Hole)
Straight
FPC/FFC Connector
Housing
ITEM
SPEC
Contact Resistance
Current Rating
Operating Temperature
Voltage Rating
AC/DC 50V
30mΩ MAX
Withstanding Voltage
AC500V/1min
Insulation Resistance
100MΩ MIN
Applicable P.C.B
1.2 ~ 1.6mm
Applicable Wire
-
Applicable FPC/FFC
0.30±0.05mm
Solder Height
Crimp Tensile Strength
-
-
UL FILE NO
-
AC/DC 0.5A
-25℃~+85℃
Specification
Available Pin
27.0
31.0
33.0
30.0
29.0
28.0
26.0
25.0
22.0
24.0
23.0
19.0
21.0
20.0
18.0
17.0
14.0
16.0
15.0
13.0
12.0
6.0
9.0
11.0
10.0
7.0
8.0
5.0
25.0
28.0
29.0
31.0
26.0
27.0
23.0
24.0
20.0
21.0
22.0
17.0
18.0
19.0
15.0
16.0
12.0
13.0
14.0
10.0
11.0
4.0
8.0
9.0
7.0
5.0
6.0
3.0
24.0
25.0
27.0
28.0
30.0
31.0
29.0
32.0
33.0
35.0
26.0
FCZ100E-32SS-K
FCZ100E-24SS-K
FCZ100E-29SS-K
FCZ100E-30SS-K
FCZ100E-25SS-K
FCZ100E-27SS-K
FCZ100E-28SS-K
FCZ100E-26SS-K
FCZ100E-22SS-K
FCZ100E-21SS-K
FCZ100E-23SS-K
10.0
12.0
13.0
14.0
15.0
11.0
16.0
17.0
19.0
20.0
18.0
22.0
23.0
21.0
FCZ100E-13SS-K
FCZ100E-20SS-K
FCZ100E-19SS-K
FCZ100E-14SS-K
FCZ100E-18SS-K
FCZ100E-17SS-K
FCZ100E-16SS-K
FCZ100E-15SS-K
FCZ100E-12SS-K
FCZ100E-11SS-K
FCZ100E-09SS-K
FCZ100E-10SS-K
FCZ100E-08SS-K
FCZ100E-07SS-K
FCZ100E-06SS-K
FCZ100E-05SS-K
FCZ100E-04SS-K
8.0
9.0
7.0
R
S
No. of contacts / Straight type
Title
Option
Kinked type
FCZ100E-NNSS-K
PARTS NO.
= STANDARD TYPE(A-TYPE, PCB LAYOUT)
= REVERSE TYPE(B-TYPE, PCB LAYOUT)
0.25
2
3.4
1(PITCH)
BASE PIN
BASE PIN
(TOP VIEW)
(TOP VIEW)
A
B
C
Ø0.8
±0.05
C±0.1
P=1±0.1
P=1±0.1
0.8
±0.
05
C±0.1
P.C.B. LAY-OUT(B-TYPE)
PCB ASS'Y
P.C.B. LAY-OUT(A-TYPE)
PCB


Similar Part No. - FCZ100E-11SR-K

ManufacturerPart #DatasheetDescription
logo
YEONHO ELECTRONICS
FCZ100E-11RR-K YEONHO-FCZ100E-11RR-K Datasheet
353Kb / 1P
   1.00mm PITCH CONNECTOR
FCZ100E-11RS-K YEONHO-FCZ100E-11RS-K Datasheet
353Kb / 1P
   1.00mm PITCH CONNECTOR
More results

Similar Description - FCZ100E-11SR-K

ManufacturerPart #DatasheetDescription
logo
YEONHO ELECTRONICS
10019HR YEONHO-10019HR Datasheet
431Kb / 1P
   1.00mm PITCH CONNECTOR
10008HR YEONHO-10008HR Datasheet
487Kb / 1P
   1.00mm PITCH CONNECTOR
10023HS YEONHO-10023HS Datasheet
571Kb / 1P
   1.00mm PITCH CONNECTOR
FCZ100E-RSK YEONHO-FCZ100E-RSK Datasheet
353Kb / 1P
   1.00mm PITCH CONNECTOR
FCZ100C-RSK YEONHO-FCZ100C-RSK Datasheet
360Kb / 1P
   1.00mm PITCH CONNECTOR
FCZ100C-04RS-K YEONHO-FCZ100C-04RS-K_07 Datasheet
851Kb / 1P
   1.00mm PITCH CONNECTOR
FCZ100E-04RS-K YEONHO-FCZ100E-04RS-K_07 Datasheet
787Kb / 1P
   1.00mm PITCH CONNECTOR
10024HS YEONHO-10024HS Datasheet
554Kb / 1P
   1.00mm PITCH CONNECTOR
10022HS YEONHO-10022HS Datasheet
558Kb / 1P
   1.00mm PITCH CONNECTOR
10003HR YEONHO-10003HR Datasheet
483Kb / 1P
   1.00mm PITCH CONNECTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com