Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTC60TDUM35P Datasheet(PDF) 3 Page - Advanced Power Technology

Part # APTC60TDUM35P
Description  Triple dual Common Source Super Junction MOSFET Power Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTC60TDUM35P Datasheet(HTML) 3 Page - Advanced Power Technology

  APTC60TDUM35P Datasheet HTML 1Page - Advanced Power Technology APTC60TDUM35P Datasheet HTML 2Page - Advanced Power Technology APTC60TDUM35P Datasheet HTML 3Page - Advanced Power Technology APTC60TDUM35P Datasheet HTML 4Page - Advanced Power Technology APTC60TDUM35P Datasheet HTML 5Page - Advanced Power Technology APTC60TDUM35P Datasheet HTML 6Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
APTC60TDUM35P
APT website – http://www.advancedpower.com
3 - 6
Thermal and package characteristics
Symbol Characteristic
Min
Typ
Max
Unit
RthJC
Junction to Case
0.3
°C/W
VISOL
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
2500
V
TJ
Operating junction temperature range
-40
150
TSTG
Storage Temperature Range
-40
125
TC
Operating Case Temperature
-40
100
°C
Torque Mounting torque
To heatsink
M6
3
5
N.m
Wt
Package Weight
250
g
Package outline
5 places (3:1)


Similar Part No. - APTC60TDUM35P

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTC60TDUM35PG MICROSEMI-APTC60TDUM35PG Datasheet
308Kb / 6P
   Triple dual Common Source Super Junction MOSFET Power Module
More results

Similar Description - APTC60TDUM35P

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTC80TDU15PG MICROSEMI-APTC80TDU15PG Datasheet
307Kb / 6P
   Triple dual Common Source Super Junction MOSFET Power Module
APTC90TDUM60TPG MICROSEMI-APTC90TDUM60TPG Datasheet
230Kb / 5P
   Triple dual Common Source Super Junction MOSFET Power Module
APTC60TDUM35PG MICROSEMI-APTC60TDUM35PG Datasheet
308Kb / 6P
   Triple dual Common Source Super Junction MOSFET Power Module
APTC60TDUM24TPG MICROSEMI-APTC60TDUM24TPG Datasheet
263Kb / 6P
   Triple dual Common Source Super Junction MOSFET Power Module
logo
Advanced Power Technolo...
APTC80TDU15P ADPOW-APTC80TDU15P Datasheet
331Kb / 6P
   Triple dual Common Source Super Junction MOSFET Power Module
APTM50TDUM65P ADPOW-APTM50TDUM65P Datasheet
316Kb / 6P
   Triple dual common source MOSFET Power Module
APTM20TDUM16P ADPOW-APTM20TDUM16P Datasheet
313Kb / 6P
   Triple dual common source MOSFET Power Module
logo
Microsemi Corporation
APTM10TDUM19PG MICROSEMI-APTM10TDUM19PG Datasheet
287Kb / 7P
   Triple dual common source MOSFET Power Module
APTM20TDUM16PG MICROSEMI-APTM20TDUM16PG Datasheet
295Kb / 8P
   Triple dual common source MOSFET Power Module
logo
Advanced Power Technolo...
APTM120TDU57P ADPOW-APTM120TDU57P Datasheet
316Kb / 6P
   Triple dual common source MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com