Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTC80TDU15P Datasheet(PDF) 4 Page - Advanced Power Technology

Part # APTC80TDU15P
Description  Triple dual Common Source Super Junction MOSFET Power Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTC80TDU15P Datasheet(HTML) 4 Page - Advanced Power Technology

  APTC80TDU15P Datasheet HTML 1Page - Advanced Power Technology APTC80TDU15P Datasheet HTML 2Page - Advanced Power Technology APTC80TDU15P Datasheet HTML 3Page - Advanced Power Technology APTC80TDU15P Datasheet HTML 4Page - Advanced Power Technology APTC80TDU15P Datasheet HTML 5Page - Advanced Power Technology APTC80TDU15P Datasheet HTML 6Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
APTC80TDU15P
APT website – http://www.advancedpower.com
4 – 6
Typical Performance Curve
0.9
0.7
0.5
0.3
0.1
0.05
Single Pulse
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
0.00001
0.0001
0.001
0.01
0.1
1
rectangular Pulse Duration (Seconds)
Maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration
4V
4.5V
5V
5.5V
6V
6.5V
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
VDS, Drain to Source Voltage (V)
VGS=15&10V
Low Voltage Output Characteristics
Transfert Characteristics
TJ=-55°C
TJ=25°C
TJ=125°C
0
20
40
60
80
100
012345678
VGS, Gate to Source Voltage (V)
VDS > ID(on)xRDS(on)MAX
250µs pulse test @ < 0.5 duty cycle
RDS(on) vs Drain Current
VGS=10V
VGS=20V
0.8
0.9
1
1.1
1.2
1.3
1.4
0
10
203040
5060
ID, Drain Current (A)
Normalized to
VGS=10V @ 14A
0
5
10
15
20
25
30
25
50
75
100
125
150
TC, Case Temperature (°C)
DC Drain Current vs Case Temperature


Similar Part No. - APTC80TDU15P

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTC80TDU15PG MICROSEMI-APTC80TDU15PG Datasheet
307Kb / 6P
   Triple dual Common Source Super Junction MOSFET Power Module
More results

Similar Description - APTC80TDU15P

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTC80TDU15PG MICROSEMI-APTC80TDU15PG Datasheet
307Kb / 6P
   Triple dual Common Source Super Junction MOSFET Power Module
logo
Advanced Power Technolo...
APTC60TDUM35P ADPOW-APTC60TDUM35P Datasheet
333Kb / 6P
   Triple dual Common Source Super Junction MOSFET Power Module
logo
Microsemi Corporation
APTC90TDUM60TPG MICROSEMI-APTC90TDUM60TPG Datasheet
230Kb / 5P
   Triple dual Common Source Super Junction MOSFET Power Module
APTC60TDUM35PG MICROSEMI-APTC60TDUM35PG Datasheet
308Kb / 6P
   Triple dual Common Source Super Junction MOSFET Power Module
APTC60TDUM24TPG MICROSEMI-APTC60TDUM24TPG Datasheet
263Kb / 6P
   Triple dual Common Source Super Junction MOSFET Power Module
logo
Advanced Power Technolo...
APTM50TDUM65P ADPOW-APTM50TDUM65P Datasheet
316Kb / 6P
   Triple dual common source MOSFET Power Module
APTM20TDUM16P ADPOW-APTM20TDUM16P Datasheet
313Kb / 6P
   Triple dual common source MOSFET Power Module
logo
Microsemi Corporation
APTM10TDUM19PG MICROSEMI-APTM10TDUM19PG Datasheet
287Kb / 7P
   Triple dual common source MOSFET Power Module
APTM20TDUM16PG MICROSEMI-APTM20TDUM16PG Datasheet
295Kb / 8P
   Triple dual common source MOSFET Power Module
logo
Advanced Power Technolo...
APTM120TDU57P ADPOW-APTM120TDU57P Datasheet
316Kb / 6P
   Triple dual common source MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com