Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTGF25DSK120T3 Datasheet(PDF) 4 Page - Advanced Power Technology

Part # APTGF25DSK120T3
Description  Dual Buck chopper NPT IGBT Power Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTGF25DSK120T3 Datasheet(HTML) 4 Page - Advanced Power Technology

  APTGF25DSK120T3 Datasheet HTML 1Page - Advanced Power Technology APTGF25DSK120T3 Datasheet HTML 2Page - Advanced Power Technology APTGF25DSK120T3 Datasheet HTML 3Page - Advanced Power Technology APTGF25DSK120T3 Datasheet HTML 4Page - Advanced Power Technology APTGF25DSK120T3 Datasheet HTML 5Page - Advanced Power Technology APTGF25DSK120T3 Datasheet HTML 6Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
APTGF25DSK120T3
APT website – http://www.advancedpower.com
4 - 6
Typical Performance Curve
Output characteristics (VGE=15V)
TJ=25°C
TJ=125°C
0
10
20
30
40
50
60
70
80
0
1234
5678
VCE, Collector to Emitter Voltage (V)
250µs Pulse Test
< 0.5% Duty cycle
Output Characteristics (VGE=10V)
TJ=25°C
TJ=125°C
0
4
8
12
16
20
00.511.5
2
2.533.5
VCE, Collector to Emitter Voltage (V)
250µs Pulse Test
< 0.5% Duty cycle
Transfer Characteristics
TJ=25°C
TJ=125°C
0
20
40
60
80
100
120
0
2.5
5
7.5
10
12.5
15
VGE, Gate to Emitter Voltage (V)
250µs Pulse Test
< 0.5% Duty cycle
Gate Charge
VCE=240V
VCE=600V
VCE=960V
0
2
4
6
8
10
12
14
16
18
0
30
60
90
120
150
180
Gate Charge (nC)
IC = 25A
TJ = 25°C
Ic=50A
Ic=25A
Ic=12.5A
0
1
2
3
4
5
6
7
8
9
9
101112
13141516
VGE, Gate to Emitter Voltage (V)
On state Voltage vs Gate to Emitter Volt.
TJ = 125°C
250µs Pulse Test
< 0.5% Duty cycle
Ic=50A
Ic=25A
Ic=12.5A
0
1
2
3
4
5
6
-50
-25
0
25
50
75
100
125
TJ, Junction Temperature (°C)
On state Voltage vs Junction Temperature
250µs Pulse Test
< 0.5% Duty cycle
VGE = 15V
0.80
0.85
0.90
0.95
1.00
1.05
1.10
-50
-25
0
25
50
75
100 125
TJ, Junction Temperature (°C)
Breakdown Voltage vs Junction Temp.
0
10
20
30
40
50
60
-50
-25
0
25
50
75
100 125 150
TC, Case Temperature (°C)
DC Collector Current vs Case Temperature


Similar Part No. - APTGF25DSK120T3

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGF25DSK120T3G MICROSEMI-APTGF25DSK120T3G Datasheet
290Kb / 6P
   Dual Buck chopper NPT IGBT Power Module
More results

Similar Description - APTGF25DSK120T3

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGF50DSK60T3G MICROSEMI-APTGF50DSK60T3G Datasheet
293Kb / 6P
   Dual Buck chopper NPT IGBT Power Module
APTGF75DSK120TG MICROSEMI-APTGF75DSK120TG Datasheet
256Kb / 5P
   Dual Buck Chopper NPT IGBT Power Module
APTGF25DSK120T3G MICROSEMI-APTGF25DSK120T3G Datasheet
290Kb / 6P
   Dual Buck chopper NPT IGBT Power Module
logo
Advanced Power Technolo...
APTGF50DSK60T3 ADPOW-APTGF50DSK60T3 Datasheet
321Kb / 6P
   Dual Buck chopper NPT IGBT Power Module
logo
Microsemi Corporation
APTGF50DSK120T3G MICROSEMI-APTGF50DSK120T3G Datasheet
248Kb / 7P
   Dual Buck chopper NPT IGBT Power Module
logo
Advanced Power Technolo...
APTGF75DSK120T ADPOW-APTGF75DSK120T Datasheet
277Kb / 5P
   Dual Buck chopper NPT IGBT Power Module
logo
Microsemi Corporation
APTGF90DSK60T3G MICROSEMI-APTGF90DSK60T3G Datasheet
209Kb / 5P
   Dual Buck chopper NPT IGBT Power Module
logo
Advanced Power Technolo...
APTGF90SK60D1 ADPOW-APTGF90SK60D1 Datasheet
169Kb / 3P
   Buck chopper NPT IGBT Power Module
APTGF100SK120T ADPOW-APTGF100SK120T Datasheet
294Kb / 6P
   Buck chopper NPT IGBT Power Module
APTGF300SK120 ADPOW-APTGF300SK120 Datasheet
302Kb / 5P
   Buck chopper NPT IGBT Power Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com