Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTGF30H60T3 Datasheet(PDF) 5 Page - Advanced Power Technology

Part # APTGF30H60T3
Description  Full - Bridge NPT IGBT Power Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTGF30H60T3 Datasheet(HTML) 5 Page - Advanced Power Technology

  APTGF30H60T3 Datasheet HTML 1Page - Advanced Power Technology APTGF30H60T3 Datasheet HTML 2Page - Advanced Power Technology APTGF30H60T3 Datasheet HTML 3Page - Advanced Power Technology APTGF30H60T3 Datasheet HTML 4Page - Advanced Power Technology APTGF30H60T3 Datasheet HTML 5Page - Advanced Power Technology APTGF30H60T3 Datasheet HTML 6Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
APTGF30H60T3
APT website – http://www.advancedpower.com
5 - 6
VGE = 15V
10
20
30
40
50
0
1020304050
60
70
ICE, Collector to Emitter Current (A)
Turn-On Delay Time vs Collector Current
Tj = 125°C
VCE = 400V
RG = 6.8Ω
VGE=15V,
TJ=25°C
VGE=15V,
TJ=125°C
25
50
75
100
125
0
10
20
30
40
50
60
70
ICE, Collector to Emitter Current (A)
Turn-Off Delay Time vs Collector Current
VCE = 400V
RG = 6.8Ω
VGE=15V,
TJ=125°C
0
10
20
30
40
50
0
1020
304050
6070
ICE, Collector to Emitter Current (A)
Current Rise Time vs Collector Current
VCE = 400V
RG = 6.8Ω
TJ = 25°C
TJ = 125°C
0
10
20
30
40
50
0
1020
3040
5060
70
ICE, Collector to Emitter Current (A)
Current Fall Time vs Collector Current
VCE = 400V, VGE = 15V, RG = 6.8Ω
TJ=125°C,
VGE=15V
0
0.25
0.5
0.75
1
0
10203040
506070
ICE, Collector to Emitter Current (A)
Turn-On Energy Loss vs Collector Current
VCE = 400V
RG = 6.8Ω
TJ = 125°C
0
0.5
1
1.5
2
0
10
203040506070
ICE, Collector to Emitter Current (A)
Turn-Off Energy Loss vs Collector Current
VCE = 400V
VGE = 15V
RG = 6.8Ω
Eon, 30A
Eoff, 30A
0
0.25
0.5
0.75
1
0
5
10
15
20
25
Gate Resistance (Ohms)
Switching Energy Losses vs Gate Resistance
VCE = 400V
VGE = 15V
TJ= 125°C
0
10
20
30
40
50
60
70
0
100
200
300
400
500
600
Minimum Switching Safe Operating Area
VCE, Collector to Emitter Voltage (V)


Similar Part No. - APTGF30H60T3

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGF30H60T3G MICROSEMI-APTGF30H60T3G Datasheet
292Kb / 6P
   Full - Bridge NPT IGBT Power Module
More results

Similar Description - APTGF30H60T3

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGF25H120T3G MICROSEMI-APTGF25H120T3G Datasheet
291Kb / 6P
   Full - Bridge NPT IGBT Power Module
APTGF50H60T1G MICROSEMI-APTGF50H60T1G Datasheet
321Kb / 6P
   Full - Bridge NPT IGBT Power Module
APTGF90H60T3G MICROSEMI-APTGF90H60T3G Datasheet
246Kb / 7P
   Full - Bridge NPT IGBT Power Module
logo
Advanced Power Technolo...
APTGF180H60 ADPOW-APTGF180H60 Datasheet
294Kb / 6P
   Full - Bridge NPT IGBT Power Module
APTGF25H120T3 ADPOW-APTGF25H120T3 Datasheet
320Kb / 6P
   Full - Bridge NPT IGBT Power Module
logo
Microsemi Corporation
APTGF75H120TG MICROSEMI-APTGF75H120TG Datasheet
261Kb / 5P
   Full - Bridge NPT IGBT Power Module
APTGF50H60T3G MICROSEMI-APTGF50H60T3G Datasheet
294Kb / 6P
   Full - Bridge NPT IGBT Power Module
APTGF150H120G MICROSEMI-APTGF150H120G Datasheet
250Kb / 5P
   Full - Bridge NPT IGBT Power Module
logo
Advanced Power Technolo...
APTGF50H60T3G ADPOW-APTGF50H60T3G Datasheet
319Kb / 6P
   Full - Bridge NPT IGBT Power Module
APTGF150H120 ADPOW-APTGF150H120 Datasheet
301Kb / 5P
   Full - Bridge NPT IGBT Power Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com