Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTGF75DDA120T Datasheet(PDF) 1 Page - Advanced Power Technology

Part # APTGF75DDA120T
Description  Dual Boost Chopper NPT IGBT Power Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTGF75DDA120T Datasheet(HTML) 1 Page - Advanced Power Technology

  APTGF75DDA120T Datasheet HTML 1Page - Advanced Power Technology APTGF75DDA120T Datasheet HTML 2Page - Advanced Power Technology APTGF75DDA120T Datasheet HTML 3Page - Advanced Power Technology APTGF75DDA120T Datasheet HTML 4Page - Advanced Power Technology APTGF75DDA120T Datasheet HTML 5Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
APTGF75DDA120T
APT website – http://www.advancedpower.com
1 - 5
Absolute maximum ratings
Symbol
Parameter
Max ratings
Unit
VCES
Collector - Emitter Breakdown Voltage
1200
V
Tc = 25°C
100
IC
Continuous Collector Current
Tc = 80°C
75
ICM
Pulsed Collector Current
Tc = 25°C
150
A
VGE
Gate – Emitter Voltage
±20
V
PD
Maximum Power Dissipation
Tc = 25°C
500
W
RBSOA
Reverse Bias Safe Operating Area
Tj = 150°C
150A @ 1200V
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed.
OUT2
OUT1
NTC1
NTC2
VBUS
SENSE1
VBUS
SENSE2
VBUS
E4
0/VBUS
E2
G2
G4
VCES = 1200V
IC = 75A @ Tc = 80°C
Application
AC and DC motor control
Switched Mode Power Supplies
Power factor correction
Features
Non Punch Through (NPT) FAST IGBT
-
Low voltage drop
-
Low tail current
-
Switching frequency up to 50 kHz
-
Soft recovery parallel diodes
-
Low diode VF
-
Low leakage current
-
Avalanche energy rated
-
RBSOA and SCSOA rated
Kelvin emitter for easy drive
Very low stray inductance
-
Symmetrical design
-
Lead frames for power connections
Internal thermistor for temperature monitoring
High level of integration
Benefits
Outstanding performance at high frequency
operation
Stable temperature behavior
Very rugged
Direct mounting to heatsink (isolated package)
Low junction to case thermal resistance
Solderable terminals both for power and signal for
easy PCB mounting
Easy paralleling due to positive TC of VCEsat
Low profile
Dual Boost Chopper
NPT IGBT Power Module


Similar Part No. - APTGF75DDA120T

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGF75DDA120TG MICROSEMI-APTGF75DDA120TG Datasheet
255Kb / 5P
   Dual Boost Chopper NPT IGBT Power Module
More results

Similar Description - APTGF75DDA120T

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGF90VDA60T3G MICROSEMI-APTGF90VDA60T3G Datasheet
209Kb / 5P
   Dual Boost chopper NPT IGBT Power Module
APTGF50VDA60T3G MICROSEMI-APTGF50VDA60T3G Datasheet
229Kb / 6P
   Dual Boost Chopper NPT IGBT Power Module
APTGF50VDA120T3G MICROSEMI-APTGF50VDA120T3G Datasheet
248Kb / 7P
   Dual Boost chopper NPT IGBT Power Module
logo
Advanced Power Technolo...
APTGF25DDA120T3 ADPOW-APTGF25DDA120T3 Datasheet
319Kb / 6P
   Dual Boost Chopper NPT IGBT Power Module
logo
Microsemi Corporation
APTGF75DDA120TG MICROSEMI-APTGF75DDA120TG Datasheet
255Kb / 5P
   Dual Boost Chopper NPT IGBT Power Module
APTGF50DDA60T3G MICROSEMI-APTGF50DDA60T3G Datasheet
292Kb / 6P
   Dual Boost Chopper NPT IGBT Power Module
APTGF25DDA120T3G MICROSEMI-APTGF25DDA120T3G Datasheet
289Kb / 6P
   Dual Boost Chopper NPT IGBT Power Module
APTGF50DDA120T3G MICROSEMI-APTGF50DDA120T3G Datasheet
248Kb / 7P
   Dual Boost chopper NPT IGBT Power Module
APTGF90DDA60T3G MICROSEMI-APTGF90DDA60T3G Datasheet
209Kb / 5P
   Dual Boost chopper NPT IGBT Power Module
logo
Advanced Power Technolo...
APTGF50DDA60T3G ADPOW-APTGF50DDA60T3G Datasheet
317Kb / 6P
   Dual Boost Chopper NPT IGBT Power Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com