Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTGF150A120T Datasheet(PDF) 1 Page - Advanced Power Technology

Part # APTGF150A120T
Description  Phase leg NPT IGBT Power Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTGF150A120T Datasheet(HTML) 1 Page - Advanced Power Technology

  APTGF150A120T Datasheet HTML 1Page - Advanced Power Technology APTGF150A120T Datasheet HTML 2Page - Advanced Power Technology APTGF150A120T Datasheet HTML 3Page - Advanced Power Technology APTGF150A120T Datasheet HTML 4Page - Advanced Power Technology APTGF150A120T Datasheet HTML 5Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
APTGF150A120T
APT website – http://www.advancedpower.com
1 - 5
Absolute maximum ratings
Symbol
Parameter
Max ratings
Unit
VCES
Collector - Emitter Breakdown Voltage
1200
V
Tc = 25°C
200
IC
Continuous Collector Current
Tc = 80°C
150
ICM
Pulsed Collector Current
Tc = 25°C
300
A
VGE
Gate – Emitter Voltage
±20
V
PD
Maximum Power Dissipation
Tc = 25°C
961
W
RBSOA
Reverse Bias Safe Operating Area
Tj = 150°C
300A @ 1200V
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed.
VBUS
Q1
G1
E1
OUT
NTC2
0/VBU S
G2
E2
NTC1
Q2
OUT
OUT
NTC2
VBUS
E1
G2
E2
NTC1
0/VBUS
G2
E2
G1
VCES = 1200V
IC = 150A @ Tc = 80°C
Application
Welding converters
Switched Mode Power Supplies
Uninterruptible Power Supplies
Motor control
Features
Non Punch Through (NPT) FAST IGBT
-
Low voltage drop
-
Low tail current
-
Switching frequency up to 50 kHz
-
Soft recovery parallel diodes
-
Low diode VF
-
Low leakage current
-
Avalanche energy rated
-
RBSOA and SCSOA rated
Kelvin emitter for easy drive
Very low stray inductance
-
Symmetrical design
-
Lead frames for power connections
Internal thermistor for temperature monitoring
High level of integration
Benefits
Outstanding performance at high frequency
operation
Stable temperature behavior
Very rugged
Direct mounting to heatsink (isolated package)
Low junction to case thermal resistance
Solderable terminals both for power and signal for
easy PCB mounting
Easy paralleling due to positive TC of VCEsat
Low profile
Phase leg
NPT IGBT Power Module


Similar Part No. - APTGF150A120T

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGF150A120T3AG MICROSEMI-APTGF150A120T3AG Datasheet
203Kb / 5P
   Phase leg NPT IGBT Power Module Power Module
APTGF150A120T3WG MICROSEMI-APTGF150A120T3WG Datasheet
208Kb / 5P
   Phase leg NPT IGBT Power Module
APTGF150A120TG MICROSEMI-APTGF150A120TG Datasheet
257Kb / 5P
   Phase leg NPT IGBT Power Module
More results

Similar Description - APTGF150A120T

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGF50A120T3WG MICROSEMI-APTGF50A120T3WG Datasheet
248Kb / 7P
   Phase leg NPT IGBT Power Module
logo
Advanced Power Technolo...
APTGF100A120T ADPOW-APTGF100A120T Datasheet
299Kb / 6P
   Phase leg NPT IGBT Power Module
logo
Microsemi Corporation
APTGF15A120T1G MICROSEMI-APTGF15A120T1G Datasheet
321Kb / 6P
   Phase leg NPT IGBT Power Module
APTGF100A120T3WG MICROSEMI-APTGF100A120T3WG Datasheet
205Kb / 5P
   Phase leg NPT IGBT Power Module
APTGF200A120D3G MICROSEMI-APTGF200A120D3G Datasheet
218Kb / 5P
   Phase leg NPT IGBT Power Module
APTGF90A60TG MICROSEMI-APTGF90A60TG Datasheet
288Kb / 6P
   Phase leg NPT IGBT Power Module
APTGF350A60G MICROSEMI-APTGF350A60G Datasheet
275Kb / 6P
   Phase leg NPT IGBT Power Module
APTGF50A120T1G MICROSEMI-APTGF50A120T1G Datasheet
323Kb / 6P
   Phase leg NPT IGBT Power Module
APTGF150A120T3WG MICROSEMI-APTGF150A120T3WG Datasheet
208Kb / 5P
   Phase leg NPT IGBT Power Module
APTGF250A60D3G MICROSEMI-APTGF250A60D3G Datasheet
217Kb / 5P
   Phase leg NPT IGBT Power Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com