Electronic Components Datasheet Search |
|
APTGF150X60TE3G Datasheet(PDF) 1 Page - Advanced Power Technology |
|
APTGF150X60TE3G Datasheet(HTML) 1 Page - Advanced Power Technology |
1 / 5 page APTGF150X60TE3G APT website – http://www.advancedpower.com 1 - 5 Absolute maximum ratings Symbol Parameter Max ratings Unit VCES Collector - Emitter Breakdown Voltage 600 V TC= 25°C 225 IC Continuous Collector Current TC= 80°C 150 ICM Pulsed Collector Current TC= 25°C 450 A VGE Gate – Emitter Voltage ±20 V PD Maximum Power Dissipation TC= 25°C 700 W RBSOA Reverse Bias Safe Operating Area Tj = 125°C 400A@480V These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed. T1 R T2 Q5 11 12 Q6 9 10 V 8 Q2 5 6 U Q1 W 1 P+ 2 N- 4 3 Q3 Q4 7 15 16 17 13 14 8 79 11 10 18 19 56 34 1 21 20 12 2 VCES = 600V IC = 150A @ Tc = 80°C Application • AC Motor control Features • Non Punch Through (NPT) Fast IGBT® - Low voltage drop - Low tail current - Switching frequency up to 50 kHz - Soft recovery parallel diodes - Low diode VF - Low leakage current - Avalanche energy rated - RBSOA and SCSOA rated • Kelvin emitter for easy drive • Very low stray inductance • High level of integration • Internal thermistor for temperature monitoring Benefits • Outstanding performance at high frequency operation • Stable temperature behavior • Very rugged • Solderable terminals for easy PCB mounting • Direct mounting to heatsink (isolated package) • Low junction to case thermal resistance • Easy paralleling due to positive TC of VCEsat • Low profile • RoHS Compliant 3 Phase bridge NPT IGBT Power Module |
Similar Part No. - APTGF150X60TE3G |
|
Similar Description - APTGF150X60TE3G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |