Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVAL-ADF70XXMB Datasheet(PDF) 7 Page - Analog Devices

Part # EVAL-ADF70XXMB
Description  High Performance ISM Band Transceiver IC
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADF70XXMB Datasheet(HTML) 7 Page - Analog Devices

Back Button EVAL-ADF70XXMB Datasheet HTML 3Page - Analog Devices EVAL-ADF70XXMB Datasheet HTML 4Page - Analog Devices EVAL-ADF70XXMB Datasheet HTML 5Page - Analog Devices EVAL-ADF70XXMB Datasheet HTML 6Page - Analog Devices EVAL-ADF70XXMB Datasheet HTML 7Page - Analog Devices EVAL-ADF70XXMB Datasheet HTML 8Page - Analog Devices EVAL-ADF70XXMB Datasheet HTML 9Page - Analog Devices EVAL-ADF70XXMB Datasheet HTML 10Page - Analog Devices EVAL-ADF70XXMB Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
ADF7025
Rev. A | Page 7 of 44
TIMING CHARACTERISTICS
VDD = 3 V ± 10%; VGND = 0 V, TA = 25°C, unless otherwise noted.
Table 2.
Parameter1
Limit at TMIN to TMAX
Unit
Test Conditions/Comments
t1
<10
ns
SDATA to SCLK setup time
t2
<10
ns
SDATA to SCLK hold time
t3
<25
ns
SCLK high duration
t4
<25
ns
SCLK low duration
t5
<10
ns
SCLK to SLE setup time
t6
<20
ns
SLE pulse width
t8
<25
ns
SCLK to SREAD data valid, readback
t9
<25
ns
SREAD hold time after SCLK, readback
t10
<10
ns
SCLK to SLE disable time, readback
1 Guaranteed by design, not production tested.
TIMING DIAGRAMS
SCLK
SLE
DB31 (MSB)
DB30
DB2
DB1
(CONTROL BIT C2)
SDATA
DB0 (LSB)
(CONTROL BIT C1)
t6
t1
t2
t3
t4
t5
Figure 2. Serial Interface Timing Diagram
t8
t3
t1
t2
t10
t9
X
RV16
RV15
RV2
RV1
SCLK
SDATA
SLE
SREAD
REG7 DB0
(CONTROL BIT C1)
Figure 3. Readback Timing Diagram


Similar Part No. - EVAL-ADF70XXMB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-ADF70XXMB AD-EVAL-ADF70XXMB Datasheet
471Kb / 44P
   High Performance Narrowband ISM Transceiver IC
Rev. PrI
EVAL-ADF70xxMBZ AD-EVAL-ADF70xxMBZ Datasheet
719Kb / 48P
   High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
EVAL-ADF70XXMBZ AD-EVAL-ADF70XXMBZ Datasheet
1Mb / 64P
   High Performance Narrow-Band Transceiver IC
REV. B
EVAL-ADF70XXMBZ2 AD-EVAL-ADF70XXMBZ2 Datasheet
1Mb / 60P
   HIgh Performance Narrow-Band Transceiver IC
REV. 0
EVAL-ADF70xxMBZ2 AD-EVAL-ADF70xxMBZ2 Datasheet
719Kb / 48P
   High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
More results

Similar Description - EVAL-ADF70XXMB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7025 AD-ADF7025_15 Datasheet
672Kb / 44P
   High Performance ISM Band Transceiver IC
REV. B
ADF7020 AD-ADF7020 Datasheet
797Kb / 40P
   High Performance ISM Band FSK/ASK Transceiver IC
Rev. PrH
ADF7020 AD-ADF7020_15 Datasheet
719Kb / 48P
   High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
ADF7020BCPZ AD-ADF7020BCPZ Datasheet
719Kb / 48P
   High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
ADF7021 AD-ADF7021 Datasheet
471Kb / 44P
   High Performance Narrowband ISM Transceiver IC
Rev. PrI
ADF7030 AD-ADF7030 Datasheet
431Kb / 24P
   High Performance, Low Power, 169 MHz ISM Band, Radio Transceiver IC
ADF7901 AD-ADF7901_15 Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
ADF7901 AD-ADF7901 Datasheet
285Kb / 12P
   High Performance ISM Band ASK/FSK Transmitter IC
Rev. PrD
ADF7023-J AD-ADF7023-J Datasheet
1Mb / 100P
   High Performance, Low Power, ISM Band FSK/GFSK/MSK/GMSK Transceiver IC
REV. 0
ADF7021-V AD-ADF7021-V Datasheet
1Mb / 60P
   HIgh Performance Narrow-Band Transceiver IC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com