Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTGT50DU120T Datasheet(PDF) 2 Page - Advanced Power Technology

Part # APTGT50DU120T
Description  Dual common source Fast Trench Field Stop IGBT Power Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTGT50DU120T Datasheet(HTML) 2 Page - Advanced Power Technology

  APTGT50DU120T Datasheet HTML 1Page - Advanced Power Technology APTGT50DU120T Datasheet HTML 2Page - Advanced Power Technology APTGT50DU120T Datasheet HTML 3Page - Advanced Power Technology APTGT50DU120T Datasheet HTML 4Page - Advanced Power Technology APTGT50DU120T Datasheet HTML 5Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
APTGT50DU120T
APT website – http://www.advancedpower.com
2 - 5
All ratings @ Tj = 25°C unless otherwise specified
Electrical Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
ICES
Zero Gate Voltage Collector Current
VGE = 0V, VCE = 1200V
250
µA
Tj = 25°C
1.7
2.1
VCE(sat)
Collector Emitter Saturation Voltage
VGE = 15V
IC = 50A
Tj = 125°C
2.0
V
VGE(th)
Gate Threshold Voltage
VGE = VCE, IC = 2mA
5.0
5.8
6.5
V
IGES
Gate – Emitter Leakage Current
VGE = 20V, VCE = 0V
400
nA
Dynamic Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
Cies
Input Capacitance
3600
Coes
Output Capacitance
190
Cres
Reverse Transfer Capacitance
VGE = 0V
VCE = 25V
f = 1MHz
160
pF
Td(on)
Turn-on Delay Time
90
Tr
Rise Time
30
Td(off)
Turn-off Delay Time
420
Tf
Fall Time
Inductive Switching (25°C)
VGE = 15V
VBus = 600V
IC = 50A
RG = 18 Ω
70
ns
Td(on)
Turn-on Delay Time
90
Tr
Rise Time
50
Td(off)
Turn-off Delay Time
520
Tf
Fall Time
90
ns
Eon
Turn-on Switching Energy
5
Eoff
Turn-off Switching Energy
Inductive Switching (125°C)
VGE = 15V
VBus = 600V
IC = 50A
RG = 18 Ω
5.5
mJ
Reverse diode ratings and characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
VRRM
Maximum Peak Repetitive Reverse Voltage
1200
V
Tj = 25°C
350
IRM
Maximum Reverse Leakage Current
VR=1200V
Tj = 125°C
600
µA
IF(AV)
Maximum Average Forward Current
50% duty cycle
Tc = 80°C
50
A
Tj = 25°C
1.4
1.9
VF
Diode Forward Voltage
IF = 50A
Tj = 125°C
1.3
V
Tj = 25°C
150
trr
Reverse Recovery Time
Tj = 125°C
250
ns
Tj = 25°C
4.5
Qrr
Reverse Recovery Charge
IF = 50A
VR = 600V
di/dt =2000A/µs
Tj = 125°C
9
µC


Similar Part No. - APTGT50DU120T

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGT50DU120TG MICROSEMI-APTGT50DU120TG Datasheet
258Kb / 5P
   Dual common source Fast Trench Field Stop IGBT Power Module
More results

Similar Description - APTGT50DU120T

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGT200DU120 ADPOW-APTGT200DU120 Datasheet
269Kb / 5P
   Dual common source Fast Trench Field Stop IGBT Power Module
APTGT150DU120 ADPOW-APTGT150DU120 Datasheet
269Kb / 5P
   Dual common source Fast Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT300DU120G MICROSEMI-APTGT300DU120G Datasheet
245Kb / 5P
   Dual common source Fast Trench Field Stop IGBT Power Module
APTGT50DU120TG MICROSEMI-APTGT50DU120TG Datasheet
258Kb / 5P
   Dual common source Fast Trench Field Stop IGBT Power Module
APTGT75DU120TG MICROSEMI-APTGT75DU120TG Datasheet
258Kb / 5P
   Dual common source Fast Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT300DU120 ADPOW-APTGT300DU120 Datasheet
271Kb / 5P
   Dual common source Fast Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT400DU120G MICROSEMI-APTGT400DU120G Datasheet
246Kb / 5P
   Dual common source Fast Trench Field Stop IGBT Power Module
APTGT200DU120G MICROSEMI-APTGT200DU120G Datasheet
245Kb / 5P
   Dual common source Fast Trench Field Stop IGBT Power Module
APTGT100DU120TG MICROSEMI-APTGT100DU120TG Datasheet
257Kb / 5P
   Dual common source Fast Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT100DU120T ADPOW-APTGT100DU120T Datasheet
279Kb / 5P
   Dual common source Fast Trench Field Stop IGBT Power Module
APTGT150DU120T ADPOW-APTGT150DU120T Datasheet
279Kb / 5P
   Dual common source Fast Trench Field Stop IGBT Power Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com