Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTGT75H120T Datasheet(PDF) 1 Page - Advanced Power Technology

Part # APTGT75H120T
Description  Full - Bridge Fast Trench Field Stop IGBT Power Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTGT75H120T Datasheet(HTML) 1 Page - Advanced Power Technology

  APTGT75H120T Datasheet HTML 1Page - Advanced Power Technology APTGT75H120T Datasheet HTML 2Page - Advanced Power Technology APTGT75H120T Datasheet HTML 3Page - Advanced Power Technology APTGT75H120T Datasheet HTML 4Page - Advanced Power Technology APTGT75H120T Datasheet HTML 5Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
APTGT75H120T
APT website – http://www.advancedpower.com
1 - 5
Absolute maximum ratings
Symbol
Parameter
Max ratings
Unit
VCES
Collector - Emitter Breakdown Voltage
1200
V
TC= 25°C
110
IC
Continuous Collector Current
TC= 80°C
75
ICM
Pulsed Collector Current
TC= 25°C
175
A
VGE
Gate – Emitter Voltage
±20
V
PD
Maximum Power Dissipation
TC= 25°C
357
W
RBSOA
Reverse Bias Safe Operating Area
Tj = 125°C
150A @ 1150V
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed.
VBUS
OUT1
OUT2
Q3
Q4
E3
G3
0/VBU S
E4
G4
NTC2
G2
E2
NTC1
Q2
Q1
G1
E1
OUT1
OUT2
NTC1
NTC2
G3
E3
VBUS
G1
E1
G4
G2
E2
0/VBUS
E4
VCES = 1200V
IC = 75A @ Tc = 80°C
Application
Welding converters
Switched Mode Power Supplies
Uninterruptible Power Supplies
Motor control
Features
Fast Trench + Field Stop IGBT® Technology
-
Low voltage drop
-
Low tail current
-
Switching frequency up to 20 kHz
-
Soft recovery parallel diodes
-
Low diode VF
-
Low leakage current
-
Avalanche energy rated
-
RBSOA and SCSOA rated
Kelvin emitter for easy drive
Very low stray inductance
-
Symmetrical design
-
Lead frames for power connections
High level of integration
Internal thermistor for temperature monitoring
Benefits
Stable temperature behavior
Very rugged
Solderable terminals for easy PCB mounting
Direct mounting to heatsink (isolated package)
Low junction to case thermal resistance
Easy paralleling due to positive TC of VCEsat
Low profile
Full - Bridge
Fast Trench + Field Stop IGBT®
Power Module


Similar Part No. - APTGT75H120T

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGT75H120TG MICROSEMI-APTGT75H120TG Datasheet
258Kb / 5P
   Full - Bridge Fast Trench Field Stop IGBT Power Module
More results

Similar Description - APTGT75H120T

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGT150H120G MICROSEMI-APTGT150H120G Datasheet
252Kb / 6P
   Full - Bridge Fast Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT150H120 ADPOW-APTGT150H120 Datasheet
274Kb / 5P
   Full - Bridge Fast Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT35H120T3G MICROSEMI-APTGT35H120T3G Datasheet
263Kb / 5P
   Full - Bridge Fast Trench Field Stop IGBT Power Module
APTGT75H120TG MICROSEMI-APTGT75H120TG Datasheet
258Kb / 5P
   Full - Bridge Fast Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT100H120 ADPOW-APTGT100H120 Datasheet
273Kb / 5P
   Full - Bridge Fast Trench Field Stop IGBT Power Module
APTGT200H120 ADPOW-APTGT200H120 Datasheet
273Kb / 5P
   Full - Bridge Fast Trench Field Stop IGBT Power Module
APTGT50H120T ADPOW-APTGT50H120T Datasheet
280Kb / 5P
   Full - Bridge Fast Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT200H120G MICROSEMI-APTGT200H120G Datasheet
251Kb / 5P
   Full - Bridge Fast Trench Field Stop IGBT Power Module
APTGT100H120G MICROSEMI-APTGT100H120G Datasheet
251Kb / 5P
   Full - Bridge Fast Trench Field Stop IGBT Power Module
APTGT50H120TG MICROSEMI-APTGT50H120TG Datasheet
259Kb / 5P
   Full - Bridge Fast Trench Field Stop IGBT Power Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com