Electronic Components Datasheet Search |
|
APTGT100A60T Datasheet(PDF) 2 Page - Advanced Power Technology |
|
APTGT100A60T Datasheet(HTML) 2 Page - Advanced Power Technology |
2 / 5 page APTGT100A60T APT website – http://www.advancedpower.com 2 - 5 All ratings @ Tj = 25°C unless otherwise specified Electrical Characteristics Symbol Characteristic Test Conditions Min Typ Max Unit ICES Zero Gate Voltage Collector Current VGE = 0V, VCE = 600V 250 µA Tj = 25°C 1.5 1.9 VCE(sat) Collector Emitter Saturation Voltage VGE =15V IC = 100A Tj = 150°C 1.7 V VGE(th) Gate Threshold Voltage VGE = VCE, IC = 1.5 mA 5.0 5.8 6.5 V IGES Gate – Emitter Leakage Current VGE = 20V, VCE = 0V 400 nA Dynamic Characteristics Symbol Characteristic Test Conditions Min Typ Max Unit Cies Input Capacitance 6100 Coes Output Capacitance 390 Cres Reverse Transfer Capacitance VGE = 0V VCE = 25V f = 1MHz 190 pF Td(on) Turn-on Delay Time 115 Tr Rise Time 45 Td(off) Turn-off Delay Time 225 Tf Fall Time Inductive Switching (25°C) VGE = ±15V VBus = 300V IC = 100A RG = 10Ω 55 ns Td(on) Turn-on Delay Time 130 Tr Rise Time 50 Td(off) Turn-off Delay Time 300 Tf Fall Time 70 ns Eon Turn on Energy 1.8 Eoff Turn off Energy Inductive Switching (150°C) VGE = ±15V VBus = 300V IC = 100A RG = 10Ω 3.5 mJ Reverse diode ratings and characteristics Symbol Characteristic Test Conditions Min Typ Max Unit VRRM Maximum Peak Repetitive Reverse Voltage 600 V Tj = 25°C 250 IRM Maximum Reverse Leakage Current VR=600V Tj = 150°C 500 µA IF(AV) Maximum Average Forward Current 50% duty cycle Tc = 80°C 100 A Tj = 25°C 1.6 2 VF Diode Forward Voltage IF = 100A VGE = 0V Tj = 150°C 1.5 V Tj = 25°C 125 trr Reverse Recovery Time Tj = 150°C 220 ns Tj = 25°C 4.7 Qrr Reverse Recovery Charge IF = 100A VR = 300V di/dt =2000A/µs Tj = 150°C 9.9 µC |
Similar Part No. - APTGT100A60T |
|
Similar Description - APTGT100A60T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |