Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTGT100H60T3 Datasheet(PDF) 5 Page - Advanced Power Technology

Part # APTGT100H60T3
Description  Full - Bridge Trench Field Stop IGBT Power Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTGT100H60T3 Datasheet(HTML) 5 Page - Advanced Power Technology

  APTGT100H60T3 Datasheet HTML 1Page - Advanced Power Technology APTGT100H60T3 Datasheet HTML 2Page - Advanced Power Technology APTGT100H60T3 Datasheet HTML 3Page - Advanced Power Technology APTGT100H60T3 Datasheet HTML 4Page - Advanced Power Technology APTGT100H60T3 Datasheet HTML 5Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
APTGT100H60T3
APT website – http://www.advancedpower.com
5 - 5
Forward Characteristic of diode
TJ=25°C
TJ=125°C
TJ=150°C
0
25
50
75
100
125
150
175
200
0
0.4
0.8
1.2
1.6
2
2.4
VF (V)
Hard
switching
ZCS
ZVS
0
20
40
60
80
100
120
0
255075
100
125
150
IC (A)
VCE=300V
D=50%
RG=10Ω
TJ=150°C
Tc=85°C
Operating Frequency vs Collector Current
maximum Effective Transient Thermal Impedance, Junction to Pulse Duration
0.9
0.7
0.5
0.3
0.1
0.05
Single Pulse
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.00001
0.0001
0.001
0.01
0.1
1
10
Rectangular Pulse Duration in Seconds
Diode
APT reserves the right to change, without notice, the specifications and information contained herein
APT's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522
5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.


Similar Part No. - APTGT100H60T3

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGT100H60T3G MICROSEMI-APTGT100H60T3G Datasheet
266Kb / 5P
   Full - Bridge Trench Field Stop IGBT Power Module
More results

Similar Description - APTGT100H60T3

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGT200H60 ADPOW-APTGT200H60 Datasheet
273Kb / 5P
   Full - Bridge Trench Field Stop IGBT Power Module
APTGT30H60T3 ADPOW-APTGT30H60T3 Datasheet
285Kb / 5P
   Full - Bridge Trench Field Stop IGBT Power Module
APTGT150H170 ADPOW-APTGT150H170 Datasheet
274Kb / 5P
   Full - Bridge Trench Field Stop IGBT Power Module
APTGT50H60T3 ADPOW-APTGT50H60T3 Datasheet
285Kb / 5P
   Full - Bridge Trench Field Stop IGBT Power Module
APTGT75H60T3G ADPOW-APTGT75H60T3G Datasheet
289Kb / 5P
   Full - Bridge Trench Field Stop IGBT Power Module
APTGT150H60TG ADPOW-APTGT150H60TG Datasheet
283Kb / 5P
   Full - Bridge Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT20H60T3G MICROSEMI-APTGT20H60T3G Datasheet
264Kb / 5P
   Full - Bridge Trench Field Stop IGBT Power Module
APTGT30H60T3G MICROSEMI-APTGT30H60T3G Datasheet
264Kb / 5P
   Full - Bridge Trench Field Stop IGBT Power Module
APTGT30H170T3G MICROSEMI-APTGT30H170T3G Datasheet
265Kb / 5P
   Full - Bridge Trench Field Stop IGBT Power Module
APTGT50H60T3G MICROSEMI-APTGT50H60T3G Datasheet
264Kb / 5P
   Full - Bridge Trench Field Stop IGBT Power Module
APTGT150H60TG MICROSEMI-APTGT150H60TG Datasheet
259Kb / 5P
   Full - Bridge Trench Field Stop IGBT Power Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com