Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTGT150X120E3G Datasheet(PDF) 1 Page - Advanced Power Technology

Part # APTGT150X120E3G
Description  3 Phase bridge Trench Field Stop IGBT Power Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTGT150X120E3G Datasheet(HTML) 1 Page - Advanced Power Technology

  APTGT150X120E3G Datasheet HTML 1Page - Advanced Power Technology APTGT150X120E3G Datasheet HTML 2Page - Advanced Power Technology APTGT150X120E3G Datasheet HTML 3Page - Advanced Power Technology APTGT150X120E3G Datasheet HTML 4Page - Advanced Power Technology APTGT150X120E3G Datasheet HTML 5Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
APTGT150X120E3G
APT website – http://www.advancedpower.com
1 - 5
Absolute maximum ratings
Symbol
Parameter
Max ratings
Unit
VCES
Collector - Emitter Breakdown Voltage
1200
V
TC= 25°C
220
IC
Continuous Collector Current
TC= 80°C
150
ICM
Pulsed Collector Current
TC= 25°C
350
A
VGE
Gate – Emitter Voltage
±20
V
PD
Maximum Power Dissipation
TC= 25°C
700
W
RBSOA
Reverse Bias Safe Operating Area
Tj = 125°C
300A @ 1150V
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed.
13
14
17
19
15
89
11
10
12
21
20
56
34
12
7
VCES = 1200V
IC = 150A @ Tc = 80°C
Application
AC Motor control
Features
Trench + Field Stop IGBT® Technology
-
Low voltage drop
-
Low tail current
-
Switching frequency up to 20 kHz
-
Soft recovery parallel diodes
-
Low diode VF
-
Low leakage current
-
Avalanche energy rated
-
RBSOA and SCSOA rated
Kelvin emitter for easy drive
Very low stray inductance
High level of integration
Benefits
Stable temperature behavior
Very rugged
Solderable terminals for easy PCB mounting
Direct mounting to heatsink (isolated package)
Low junction to case thermal resistance
Easy paralleling due to positive TC of VCEsat
Low profile
RoHS complaint
3 Phase bridge
Trench + Field Stop IGBT®
Power Module


Similar Part No. - APTGT150X120E3G

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGT150A120 ADPOW-APTGT150A120 Datasheet
269Kb / 5P
   Phase leg Fast Trench Field Stop IGBT Power Module
APTGT150A120D1 ADPOW-APTGT150A120D1 Datasheet
185Kb / 3P
   Phase leg Trench IGBT Power Module
logo
Microsemi Corporation
APTGT150A120D1G MICROSEMI-APTGT150A120D1G Datasheet
187Kb / 4P
   Phase leg Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT150A120D3 ADPOW-APTGT150A120D3 Datasheet
201Kb / 3P
   Phase leg Trench IGBT Power Module
logo
Microsemi Corporation
APTGT150A120G MICROSEMI-APTGT150A120G Datasheet
245Kb / 5P
   Phase leg Fast Trench Field Stop IGBT Power Module
More results

Similar Description - APTGT150X120E3G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGT25X120T3G MICROSEMI-APTGT25X120T3G Datasheet
278Kb / 5P
   3 Phase bridge Trench Field Stop IGBT짰 Power Module
APTGT30X60T3G MICROSEMI-APTGT30X60T3G Datasheet
274Kb / 5P
   3 Phase bridge Trench Field Stop IGBT짰 Power Module
APTGT50X60T3G MICROSEMI-APTGT50X60T3G Datasheet
274Kb / 5P
   3 Phase bridge Trench Field Stop IGBT짰 Power Module
APTGT75X60T3G MICROSEMI-APTGT75X60T3G Datasheet
277Kb / 5P
   3 Phase bridge Trench Field Stop IGBT짰 Power Module
APTGT35X120T3G MICROSEMI-APTGT35X120T3G Datasheet
274Kb / 5P
   3 Phase bridge Trench Field Stop IGBT짰 Power Module
APTGL40X120T3G MICROSEMI-APTGL40X120T3G Datasheet
206Kb / 5P
   3 Phase bridge Trench Field Stop IGBT4 Power Module
APTGT20X60T3G MICROSEMI-APTGT20X60T3G Datasheet
275Kb / 5P
   3 Phase bridge Trench Field Stop IGBT짰 Power Module
APTGL30X120T3G MICROSEMI-APTGL30X120T3G Datasheet
206Kb / 5P
   3 Phase bridge Trench Field Stop IGBT4 Power Module
logo
Advanced Power Technolo...
APTGT200H60 ADPOW-APTGT200H60 Datasheet
273Kb / 5P
   Full - Bridge Trench Field Stop IGBT Power Module
APTGT30H60T3 ADPOW-APTGT30H60T3 Datasheet
285Kb / 5P
   Full - Bridge Trench Field Stop IGBT Power Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com