Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSP065SA Datasheet(PDF) 6 Page - Pan Jit International Inc.

Part # TSP065SA
Description  SURFACE MOUNT BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

TSP065SA Datasheet(HTML) 6 Page - Pan Jit International Inc.

  TSP065SA Datasheet HTML 1Page - Pan Jit International Inc. TSP065SA Datasheet HTML 2Page - Pan Jit International Inc. TSP065SA Datasheet HTML 3Page - Pan Jit International Inc. TSP065SA Datasheet HTML 4Page - Pan Jit International Inc. TSP065SA Datasheet HTML 5Page - Pan Jit International Inc. TSP065SA Datasheet HTML 6Page - Pan Jit International Inc. TSP065SA Datasheet HTML 7Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
PAGE 6
Ver: June 2001
TSP058SA - TSP320SA
PanJit logo
Last digit of calendar year
Y-
Month
M-
1st Line:
PJ YM
058A
PJ-
2nd line: Marking code
DEVICE MARKING CODE
r
e
b
m
u
N
t
r
a
P
e
d
o
C
g
n
i
k
r
a
M
A
S
8
5
0
P
S
T
A
8
5
0
A
S
5
6
0
P
S
TA
5
6
0
A
S
5
7
0
P
S
T
A
5
7
0
A
S
0
9
0
P
S
TA
0
9
0
A
S
0
2
1
P
S
T
A
0
2
1
A
S
0
4
1
P
S
TA
0
4
1
A
S
0
6
1
P
S
T
A
0
6
1
A
S
0
9
1
P
S
TA
0
9
1
A
S
0
2
2
P
S
T
A
0
2
2
A
S
5
7
2
P
S
TA
5
7
2
A
S
0
2
3
P
S
T
A
0
2
3
ORDER & PACKING INFORMATION
e
c
i
v
e
D
g
n
i
k
c
a
P
y
t
'
Q
r
e
d
r
O
.
n
i
M
s
A
r
e
d
r
O
k
r
a
m
e
R
A
S
x
x
x
P
S
T
l
e
e
R
&
e
p
a
T
"
3
1s
c
p
0
0
0
,
3A
S
x
x
x
P
S
Tg
n
i
k
c
a
P
d
r
a
d
n
a
t
S
l
e
e
R
&
e
p
a
T
"
7
s
c
p
0
0
5
7
-
A
S
x
x
x
P
S
T


Similar Part No. - TSP065SA

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
TSP065SB PANJIT-TSP065SB Datasheet
109Kb / 7P
   SURFACE MOUNT BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
TSP065SC PANJIT-TSP065SC Datasheet
110Kb / 7P
   SURFACE MOUNT BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
More results

Similar Description - TSP065SA

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
TSP058SB PANJIT-TSP058SB Datasheet
109Kb / 7P
   SURFACE MOUNT BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
TSP058SC PANJIT-TSP058SC Datasheet
110Kb / 7P
   SURFACE MOUNT BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
TSP058B PANJIT-TSP058B Datasheet
117Kb / 7P
   AXIAL LEAD BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
TSP058A PANJIT-TSP058A Datasheet
87Kb / 6P
   AXIAL LEAD BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
TSP058C PANJIT-TSP058C Datasheet
116Kb / 7P
   AXIAL LEAD BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
logo
Diodes Incorporated
TB0640H DIODES-TB0640H Datasheet
184Kb / 4P
   100A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30360 Rev. 3 - 2
TB0640M DIODES-TB0640M_1 Datasheet
76Kb / 4P
   50A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30361 Rev. 7 - 2
TB0640L DIODES-TB0640L Datasheet
190Kb / 4P
   30A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30359 Rev. 2 - 1
TB0640L DIODES-TB0640L_1 Datasheet
79Kb / 4P
   30A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30359 Rev. 6 - 2
TB0640M DIODES-TB0640M Datasheet
187Kb / 4P
   50A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30361 Rev. 2 - 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com