Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTGT450A60 Datasheet(PDF) 1 Page - Advanced Power Technology

Part # APTGT450A60
Description  Phase leg Trench Field Stop IGBT Power Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTGT450A60 Datasheet(HTML) 1 Page - Advanced Power Technology

  APTGT450A60 Datasheet HTML 1Page - Advanced Power Technology APTGT450A60 Datasheet HTML 2Page - Advanced Power Technology APTGT450A60 Datasheet HTML 3Page - Advanced Power Technology APTGT450A60 Datasheet HTML 4Page - Advanced Power Technology APTGT450A60 Datasheet HTML 5Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
APTGT450A60
APT website – http://www.advancedpower.com
1 - 5
Absolute maximum ratings
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed.
Q2
0/VBUS
Q1
VBUS
OUT
G1
G2
E2
E1
OUT
VBUS
E1
G1
0/VBUS
G2
E2
Symbol
Parameter
Max ratings
Unit
VCES
Collector - Emitter Breakdown Voltage
600
V
TC= 25°C
550
IC
Continuous Collector Current
TC= 80°C
450
ICM
Pulsed Collector Current
TC= 25°C
600
A
VGE
Gate – Emitter Voltage
±20
V
PD
Maximum Power Dissipation
TC= 25°C
1750
W
RBSOA
Reverse Bias Safe Operating Area
Tj = 150°C
900A @ 550V
VCES = 600V
IC = 450A @ Tc = 80°C
Application
Welding converters
Switched Mode Power Supplies
Uninterruptible Power Supplies
Motor control
Features
Trench + Field Stop IGBT® Technology
-
Low voltage drop
-
Low tail current
-
Switching frequency up to 20 kHz
-
Soft recovery parallel diodes
-
Low diode VF
-
Low leakage current
-
Avalanche energy rated
-
RBSOA and SCSOA rated
Kelvin emitter for easy drive
Very low stray inductance
-
Symmetrical design
-
M5 power connectors
High level of integration
Benefits
Stable temperature behavior
Very rugged
Direct mounting to heatsink (isolated package)
Low junction to case thermal resistance
Easy paralleling due to positive TC of VCEsat
Low profile
Phase leg
Trench + Field Stop IGBT®
Power Module


Similar Part No. - APTGT450A60

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGT450A60G MICROSEMI-APTGT450A60G Datasheet
244Kb / 5P
   Phase leg Trench Field Stop IGBT Power Module
More results

Similar Description - APTGT450A60

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGT100A120T3AG MICROSEMI-APTGT100A120T3AG Datasheet
210Kb / 5P
   Phase leg Trench Field Stop IGBT Power Module
APTGT150A120D1G MICROSEMI-APTGT150A120D1G Datasheet
187Kb / 4P
   Phase leg Trench Field Stop IGBT Power Module
APTGT200A60T3AG MICROSEMI-APTGT200A60T3AG Datasheet
206Kb / 5P
   Phase leg Trench Field Stop IGBT Power Module
APTGT400A120D3G MICROSEMI-APTGT400A120D3G Datasheet
218Kb / 5P
   Phase leg Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT225A170 ADPOW-APTGT225A170 Datasheet
270Kb / 5P
   Phase leg Trench Field Stop IGBT Power Module
APTGT200A60T ADPOW-APTGT200A60T Datasheet
279Kb / 5P
   Phase leg Trench Field Stop IGBT Power Module
APTGT600A60 ADPOW-APTGT600A60 Datasheet
270Kb / 5P
   Phase leg Trench Field Stop IGBT Power Module
APTGT150A170 ADPOW-APTGT150A170 Datasheet
269Kb / 5P
   Phase leg Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT300A60G MICROSEMI-APTGT300A60G Datasheet
246Kb / 5P
   Phase leg Trench Field Stop IGBT Power Module
APTGT150A60TG MICROSEMI-APTGT150A60TG Datasheet
258Kb / 5P
   Phase leg Trench Field Stop IGBT Power Module
APTGT100A170TG MICROSEMI-APTGT100A170TG Datasheet
259Kb / 5P
   Phase leg Trench Field Stop IGBT Power Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com