Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTM20HM20STG Datasheet(PDF) 6 Page - Advanced Power Technology

Part # APTM20HM20STG
Description  Full bridge Series & parallel diodes MOSFET Power Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTM20HM20STG Datasheet(HTML) 6 Page - Advanced Power Technology

  APTM20HM20STG Datasheet HTML 1Page - Advanced Power Technology APTM20HM20STG Datasheet HTML 2Page - Advanced Power Technology APTM20HM20STG Datasheet HTML 3Page - Advanced Power Technology APTM20HM20STG Datasheet HTML 4Page - Advanced Power Technology APTM20HM20STG Datasheet HTML 5Page - Advanced Power Technology APTM20HM20STG Datasheet HTML 6Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
APTM20HM20STG
APT website – http://www.advancedpower.com
6 – 6
Delay Times vs Current
td(on)
td(off)
10
20
30
40
50
60
70
80
90
0
25
50
75
100
125
150
ID, Drain Current (A)
VDS=133V
RG=5Ω
TJ=125°C
L=100µH
Rise and Fall times vs Current
tr
tf
0
20
40
60
80
100
120
140
160
0
25
50
75
100
125
150
ID, Drain Current (A)
VDS=133V
RG=5Ω
TJ=125°C
L=100µH
Switching Energy vs Current
Eon
Eoff
0
200
400
600
800
1000
1200
0
25
50
75
100
125
150
ID, Drain Current (A)
VDS=133V
RG=5Ω
TJ=125°C
L=100µH
Eon
Eoff
Eoff
250
500
750
1000
1250
1500
0
5
10 15 20 25 30 35 40
Gate Resistance (Ohms)
Switching Energy vs Gate Resistance
VDS=133V
ID=75A
TJ=125°C
L=100µH
Hard
switching
ZCS
ZVS
0
50
100
150
200
250
300
350
10
20
30
40
50
60
70
80
ID, Drain Current (A)
Operating Frequency vs Drain Current
VDS=133V
D=50%
RG=5Ω
TJ=125°C
TJ=25°C
TJ=150°C
1
10
100
1000
0.3 0.5 0.7 0.9 1.1 1.3 1.5 1.7 1.9
VSD, Source to Drain Voltage (V)
Source to Drain Diode Forward Voltage
APT reserves the right to change, without notice, the specifications and information contained herein
APT's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522
5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.


Similar Part No. - APTM20HM20STG

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTM20HM20STG MICROSEMI-APTM20HM20STG Datasheet
290Kb / 6P
   Full bridge Series & parallel diodes MOSFET Power Module
More results

Similar Description - APTM20HM20STG

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTM100H45STG MICROSEMI-APTM100H45STG Datasheet
295Kb / 7P
   Full bridge Series & parallel diodes MOSFET Power Module
APTM50HM75STG MICROSEMI-APTM50HM75STG Datasheet
288Kb / 6P
   Full bridge Series & parallel diodes MOSFET Power Module
logo
Advanced Power Technolo...
APTM50HM75STG ADPOW-APTM50HM75STG Datasheet
316Kb / 7P
   Full bridge Series & parallel diodes MOSFET Power Module
APTM100H45ST ADPOW-APTM100H45ST Datasheet
314Kb / 6P
   Full bridge Series & parallel diodes MOSFET Power Module
logo
Microsemi Corporation
APTM20HM20STG MICROSEMI-APTM20HM20STG Datasheet
290Kb / 6P
   Full bridge Series & parallel diodes MOSFET Power Module
logo
Advanced Power Technolo...
APTM100H45SCT ADPOW-APTM100H45SCT Datasheet
325Kb / 7P
   Full bridge Series & SiC parallel diodes MOSFET Power Module
logo
Microsemi Corporation
APTM50HM75SCTG MICROSEMI-APTM50HM75SCTG Datasheet
309Kb / 8P
   Full bridge Series & SiC parallel diodes MOSFET Power Module
logo
Advanced Power Technolo...
APTM50HM75SCT ADPOW-APTM50HM75SCT Datasheet
327Kb / 7P
   Full bridge Series & SiC parallel diodes MOSFET Power Module
logo
Microsemi Corporation
APTM100H45SCTG MICROSEMI-APTM100H45SCTG Datasheet
300Kb / 8P
   Full bridge Series & SiC parallel diodes MOSFET Power Module
APTC60HM70SCTG MICROSEMI-APTC60HM70SCTG Datasheet
318Kb / 8P
   Full - Bridge Series & SiC parallel diodes Super Junction MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com