Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTM20UM04S-ALN Datasheet(PDF) 6 Page - Advanced Power Technology

Part # APTM20UM04S-ALN
Description  Single switch Series & parallel diodes MOSFET Power Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTM20UM04S-ALN Datasheet(HTML) 6 Page - Advanced Power Technology

  APTM20UM04S-ALN Datasheet HTML 1Page - Advanced Power Technology APTM20UM04S-ALN Datasheet HTML 2Page - Advanced Power Technology APTM20UM04S-ALN Datasheet HTML 3Page - Advanced Power Technology APTM20UM04S-ALN Datasheet HTML 4Page - Advanced Power Technology APTM20UM04S-ALN Datasheet HTML 5Page - Advanced Power Technology APTM20UM04S-ALN Datasheet HTML 6Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
APTM20UM04S-AlN
APT website – http://www.advancedpower.com
6 – 6
Delay Times vs Current
td(on)
td(off)
0
20
40
60
80
100
120
0
100 200 300 400 500 600 700
ID, Drain Current (A)
VDS=133V
RG=1.2Ω
TJ=125°C
L=100µH
Rise and Fall times vs Current
tr
tf
0
20
40
60
80
100
120
140
160
0
100
200
300
400
500
600
ID, Drain Current (A)
VDS=133V
RG=1.2Ω
TJ=125°C
L=100µH
Switching Energy vs Current
Eon
Eoff
0
2
4
6
8
0
100 200 300 400 500 600 700
ID, Drain Current (A)
VDS=133V
RG=1.2Ω
TJ=125°C
L=100µH
Eon
Eoff
2
4
6
8
10
12
14
0
2.5
5
7.5
10
12.5
15
Gate Resistance (Ohms)
Switching Energy vs Gate Resistance
VDS=133V
ID=417A
TJ=125°C
L=100µH
Hard
switching
ZCS
ZVS
0
50
100
150
200
250
300
350
50
100 150 200 250 300 350 400
ID, Drain Current (A)
Operating Frequency vs Drain Current
VDS=133V
D=50%
RG=1.2Ω
TJ=125°C
TC=75°C
TJ=25°C
TJ=150°C
1
10
100
1000
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
VSD, Source to Drain Voltage (V)
Source to Drain Diode Forward Voltage
APT reserves the right to change, without notice, the specifications and information contained herein
APT's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522
5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.


Similar Part No. - APTM20UM04S-ALN

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTM20UM04SAG MICROSEMI-APTM20UM04SAG Datasheet
271Kb / 6P
   Single switch Series & parallel diodes MOSFET Power Module
More results

Similar Description - APTM20UM04S-ALN

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTM20UM05S ADPOW-APTM20UM05S Datasheet
287Kb / 7P
   Single switch Series & parallel diodes MOSFET Power Module
APTM50UM25S ADPOW-APTM50UM25S Datasheet
284Kb / 6P
   Single switch Series & parallel diodes MOSFET Power Module
APTM120U10SA ADPOW-APTM120U10SA Datasheet
294Kb / 6P
   Single switch Series & parallel diodes MOSFET Power Module
APTM100UM65S-ALN ADPOW-APTM100UM65S-ALN Datasheet
311Kb / 6P
   Single switch Series & parallel diodes MOSFET Power Module
logo
Microsemi Corporation
APTM100UM65SAG MICROSEMI-APTM100UM65SAG Datasheet
278Kb / 6P
   Single switch Series & parallel diodes MOSFET Power Module
logo
Advanced Power Technolo...
APTM20UM09S ADPOW-APTM20UM09S Datasheet
285Kb / 7P
   Single switch Series & parallel diodes MOSFET Power Module
APTM50UM13S-ALN ADPOW-APTM50UM13S-ALN Datasheet
301Kb / 6P
   Single switch Series & parallel diodes MOSFET Power Module
APTM50UM19S ADPOW-APTM50UM19S Datasheet
287Kb / 7P
   Single switch Series & parallel diodes MOSFET Power Module
logo
Microsemi Corporation
APTM50UM13SAG MICROSEMI-APTM50UM13SAG Datasheet
270Kb / 7P
   Single switch Series & parallel diodes MOSFET Power Module
logo
Advanced Power Technolo...
APTM100U13S ADPOW-APTM100U13S Datasheet
286Kb / 5P
   Single switch Series & parallel diodes MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com