Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTM50DSKM65T3 Datasheet(PDF) 4 Page - Advanced Power Technology

Part # APTM50DSKM65T3
Description  Dual Buck chopper MOSFET Power Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTM50DSKM65T3 Datasheet(HTML) 4 Page - Advanced Power Technology

  APTM50DSKM65T3 Datasheet HTML 1Page - Advanced Power Technology APTM50DSKM65T3 Datasheet HTML 2Page - Advanced Power Technology APTM50DSKM65T3 Datasheet HTML 3Page - Advanced Power Technology APTM50DSKM65T3 Datasheet HTML 4Page - Advanced Power Technology APTM50DSKM65T3 Datasheet HTML 5Page - Advanced Power Technology APTM50DSKM65T3 Datasheet HTML 6Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
APTM50DSKM65T3
APT website – http://www.advancedpower.com
4 – 6
Typical Performance Curve
0.9
0.7
0.5
0.3
0.1
0.05
Single Pulse
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.00001
0.0001
0.001
0.01
0.1
1
10
rectangular Pulse Duration (Seconds)
Maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration
5V
5.5V
6V
6.5V
7V
8V
0
40
80
120
160
200
0
5
10
15
20
25
VDS, Drain to Source Voltage (V)
VGS=10&15V
Low Voltage Output Characteristics
Transfert Characteristics
TJ=-55°C
TJ=25°C
TJ=125°C
0
25
50
75
100
125
150
0246
8
VGS, Gate to Source Voltage (V)
VDS > ID(on)xRDS(on)MAX
250µs pulse test @ < 0.5 duty cycle
RDS(on) vs Drain Current
VGS=10V
VGS=20V
0.9
0.95
1
1.05
1.1
0
1020
304050
60
ID, Drain Current (A)
Normalized to
VGS=10V @ 25.5A
0
10
20
30
40
50
60
25
50
75
100
125
150
TC, Case Temperature (°C)
DC Drain Current vs Case Temperature


Similar Part No. - APTM50DSKM65T3

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTM50DSKM65T3G MICROSEMI-APTM50DSKM65T3G Datasheet
293Kb / 6P
   Dual Buck chopper MOSFET Power Module
More results

Similar Description - APTM50DSKM65T3

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTM100DSK35T3G MICROSEMI-APTM100DSK35T3G Datasheet
292Kb / 6P
   Dual Buck chopper MOSFET Power Module
logo
Advanced Power Technolo...
APTM10DSKM19T3 ADPOW-APTM10DSKM19T3 Datasheet
316Kb / 6P
   Dual Buck chopper MOSFET Power Module
APTM100DSK35T3 ADPOW-APTM100DSK35T3 Datasheet
320Kb / 6P
   Dual Buck chopper MOSFET Power Module
logo
Microsemi Corporation
APTM10DSKM09T3G MICROSEMI-APTM10DSKM09T3G Datasheet
287Kb / 6P
   Dual Buck chopper MOSFET Power Module
APTM10DSKM19T3G MICROSEMI-APTM10DSKM19T3G Datasheet
287Kb / 6P
   Dual Buck chopper MOSFET Power Module
APTM120DSK57T3G MICROSEMI-APTM120DSK57T3G Datasheet
292Kb / 6P
   Dual Buck chopper MOSFET Power Module
APTM50DSK10T3G MICROSEMI-APTM50DSK10T3G Datasheet
295Kb / 7P
   Dual Buck chopper MOSFET Power Module
logo
Advanced Power Technolo...
APTM120DSK57T3 ADPOW-APTM120DSK57T3 Datasheet
320Kb / 6P
   Dual Buck chopper MOSFET Power Module
APTM10DSKM09T3 ADPOW-APTM10DSKM09T3 Datasheet
316Kb / 6P
   Dual Buck chopper MOSFET Power Module
APTM50DSK10T3 ADPOW-APTM50DSK10T3 Datasheet
322Kb / 6P
   Dual Buck chopper MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com